Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICP2840 Datasheet(PDF) 17 Page - Microchip Technology

Part # ICP2840
Description  27.5 – 31 GHz 9W GaN PA MMIC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ICP2840 Datasheet(HTML) 17 Page - Microchip Technology

Back Button ICP2840 Datasheet HTML 13Page - Microchip Technology ICP2840 Datasheet HTML 14Page - Microchip Technology ICP2840 Datasheet HTML 15Page - Microchip Technology ICP2840 Datasheet HTML 16Page - Microchip Technology ICP2840 Datasheet HTML 17Page - Microchip Technology ICP2840 Datasheet HTML 18Page - Microchip Technology ICP2840 Datasheet HTML 19Page - Microchip Technology ICP2840 Datasheet HTML 20Page - Microchip Technology ICP2840 Datasheet HTML 21Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
4.
Ordering, Shipping, and Handling
4.1
Handling Recommendations
Integrated circuits are sensitive to electrostatic discharge (ESD) and can be damaged by static electricity. It is
recommended to follow all procedures and guidelines outlined in the Microsemi application note AN01: GaAs MMIC
Handling and Die Attach Recommendations.
4.2
Ordering Information
For additional ordering information, contact your Microchip sales representative.
Part Number
Package
Starndard Packing Format
ICP2840
Die
Gel Pack
ICP2840-1-110I
Die
Gel Pack
ICP2840-1-100I
Die
Wafer frame
ICP2840
Ordering, Shipping, and Handling
© 2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS-00004072B-page 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com