Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICP2840 Datasheet(PDF) 8 Page - Microchip Technology

Part # ICP2840
Description  27.5 – 31 GHz 9W GaN PA MMIC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ICP2840 Datasheet(HTML) 8 Page - Microchip Technology

Back Button ICP2840 Datasheet HTML 4Page - Microchip Technology ICP2840 Datasheet HTML 5Page - Microchip Technology ICP2840 Datasheet HTML 6Page - Microchip Technology ICP2840 Datasheet HTML 7Page - Microchip Technology ICP2840 Datasheet HTML 8Page - Microchip Technology ICP2840 Datasheet HTML 9Page - Microchip Technology ICP2840 Datasheet HTML 10Page - Microchip Technology ICP2840 Datasheet HTML 11Page - Microchip Technology ICP2840 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Figure 1-19. Pout vs. Pin @ 28GHz & 24V/110mA
24
26
28
30
32
34
36
38
40
5
7
9 11 13 15 17 19 21 23 25 27 29
Pin (dBm)
-40ºC
+25ºC
+85ºC
Figure 1-20. Gain vs. Pout @ 28GHz & 24V/110mA
5
7
9
11
13
15
17
19
21
23
25
27
29
31
30
32
34
36
38
40
Pout (dBm)
-40ºC
25ºC
+85ºC
Figure 1-21. PAE vs. Pout @ 28GHz & 24V/110mA
0
5
10
15
20
25
30
32
34
36
38
40
Pout (dBm)
-40ºC
+25ºC
+85ºC
Figure 1-22. Id vs. Pout @ 28GHz & 24V/110mA
0
500
1000
1500
2000
30
32
34
36
38
40
Pout (dBm)
-40ºC
+25ºC
+85ºC
Figure 1-23. Pout vs. Pin @ 29GHz & 24V/110mA
24
26
28
30
32
34
36
38
40
5
7
9 11 13 15 17 19 21 23 25 27 29
Pin (dBm)
-40ºC
+25ºC
+85ºC
Figure 1-24. Gain vs. Pout @ 29GHz & 24V/110mA
5
7
9
11
13
15
17
19
21
23
25
27
29
31
30
32
34
36
38
40
Pout (dBm)
-40ºC
25ºC
+85ºC
ICP2840
Electrical Specifications
© 2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS-00004072B-page 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com