Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58BW16F Datasheet(PDF) 24 Page - STMicroelectronics

Part # M58BW16F
Description  16 or 32 Mbit (x32, Boot Block, Burst) 3.3V supply Flash memories
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58BW16F Datasheet(HTML) 24 Page - STMicroelectronics

Back Button M58BW16F Datasheet HTML 20Page - STMicroelectronics M58BW16F Datasheet HTML 21Page - STMicroelectronics M58BW16F Datasheet HTML 22Page - STMicroelectronics M58BW16F Datasheet HTML 23Page - STMicroelectronics M58BW16F Datasheet HTML 24Page - STMicroelectronics M58BW16F Datasheet HTML 25Page - STMicroelectronics M58BW16F Datasheet HTML 26Page - STMicroelectronics M58BW16F Datasheet HTML 27Page - STMicroelectronics M58BW16F Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 81 page
background image
Bus operations
M58BW16F, M58BW32F
24/81
3
Bus operations
Each bus operations that controls the memory is described in this section, see Tables 6 and
7 Bus Operations, for a summary. The bus operation is selected through the Burst
Configuration Register; the bits in this register are described at the end of this section.
On Power-up or after a Hardware Reset the memory defaults to Asynchronous Bus Read
and Asynchronous Bus Write. No synchronous operation can be performed until the Burst
Control Register has been configured.
The Electronic Signature, Block Protection Configuration, CFI or Status Register will be read
in asynchronous mode regardless of the Burst Control Register settings.
Typically glitches of less than 5ns on Chip Enable or Write Enable are ignored by the
memory and do not affect bus operations.
3.1
Asynchronous Bus Operations
For asynchronous bus operations refer to Table 6 together with the following text. The read
access will start at whichever of the three following events occurs last: valid address
transition, Chip Enable, E, going Low, VIL or Latch Enable, L, going Low, VIL.
3.1.1
Asynchronous Bus Read
Asynchronous Bus Read operations read from the memory cells, or specific registers
(Electronic Signature, Block Protection Configuration Register, Status Register, CFI and
Burst Configuration Register) in the Command Interface. A valid bus operation involves
setting the desired address on the Address Inputs, applying a Low signal, VIL, to Chip
Enable and Output Enable and keeping Write Enable and Output Disable High, VIH. The
Data Inputs/Outputs will output the value, see Figure 7: Asynchronous Bus Read AC
waveforms, and Table 18: Asynchronous Bus Read AC characteristics, for details of when
the output becomes valid.
Asynchronous Read is the default read mode which the device enters on power-up or on
return from Reset/Power-Down.
3.1.2
Asynchronous Latch Controlled Bus Read
Asynchronous Latch Controlled Bus Read operations read from the memory cells or specific
registers in the Command Interface. The address is latched in the memory before the value
is output on the data bus, allowing the address to change during the cycle without affecting
the address that the memory uses.
A valid bus operation involves setting the desired address on the Address Inputs, setting
Chip Enable and Latch Enable Low, VIL and keeping Write Enable High, VIH; the address is
latched on the rising edge of Latch Enable. Once latched, the Address Inputs can change.
Set Output Enable Low, VIL, to read the data on the Data Inputs/Outputs; see Figure
Figure 8: Asynchronous Latch controlled bus Read AC waveforms and Table 18:
Asynchronous Bus Read AC characteristics, for details on when the output becomes valid.
Note that, since the Latch Enable input is transparent when set Low, VIL, Asynchronous Bus
Read operations can be performed when the memory is configured for Asynchronous Latch
Enable bus operations by holding Latch Enable Low, VIL throughout the bus operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com