Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58BW16F Datasheet(PDF) 42 Page - STMicroelectronics

Part # M58BW16F
Description  16 or 32 Mbit (x32, Boot Block, Burst) 3.3V supply Flash memories
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58BW16F Datasheet(HTML) 42 Page - STMicroelectronics

Back Button M58BW16F Datasheet HTML 38Page - STMicroelectronics M58BW16F Datasheet HTML 39Page - STMicroelectronics M58BW16F Datasheet HTML 40Page - STMicroelectronics M58BW16F Datasheet HTML 41Page - STMicroelectronics M58BW16F Datasheet HTML 42Page - STMicroelectronics M58BW16F Datasheet HTML 43Page - STMicroelectronics M58BW16F Datasheet HTML 44Page - STMicroelectronics M58BW16F Datasheet HTML 45Page - STMicroelectronics M58BW16F Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 81 page
background image
Status Register
M58BW16F, M58BW32F
42/81
5.5
Program Suspend Status (Bit 2)
The Program Suspend Status bit indicates that a Program operation has been suspended
and is waiting to be resumed. The Program Suspend Status should only be considered valid
when the Program/Erase Controller Status bit is set to ‘1’ (Program/Erase Controller
inactive); after a Program/Erase Suspend command is issued the memory may still
complete the operation rather than entering the Suspend mode.
When the Program Suspend Status bit is set to ‘0’, the Program/Erase Controller is active or
has completed its operation; when the bit is set to ‘1’, a Program/Erase Suspend command
has been issued and the memory is waiting for a Program/Erase Resume command.
When a Program/Erase Resume command is issued the Program Suspend Status bit
returns to ‘0’.
5.6
Block Protection Status (Bit 1)
The Block Protection Status bit can be used to identify if a Program or Erase operation has
tried to modify the contents of a protected block.
When the Block Protection Status bit is set to ‘0’, no Program or Erase operations have been
attempted to protected blocks since the last Clear Status Register command or hardware
reset; when the Block Protection Status bit is set to ‘1’, a Program or Erase operation has
been attempted on a protected block.
Once set to ‘1’, the Block Protection Status bit can only be reset Low by a Clear Status
Register command or a hardware reset. If set to ‘1’ it should be reset before a new Program
or Erase command is issued, otherwise the new command will appear to fail.
5.7
Bit 0
Reserved bit (set to ‘1’).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com