Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58BW16F Datasheet(PDF) 38 Page - STMicroelectronics

Part # M58BW16F
Description  16 or 32 Mbit (x32, Boot Block, Burst) 3.3V supply Flash memories
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58BW16F Datasheet(HTML) 38 Page - STMicroelectronics

Back Button M58BW16F Datasheet HTML 34Page - STMicroelectronics M58BW16F Datasheet HTML 35Page - STMicroelectronics M58BW16F Datasheet HTML 36Page - STMicroelectronics M58BW16F Datasheet HTML 37Page - STMicroelectronics M58BW16F Datasheet HTML 38Page - STMicroelectronics M58BW16F Datasheet HTML 39Page - STMicroelectronics M58BW16F Datasheet HTML 40Page - STMicroelectronics M58BW16F Datasheet HTML 41Page - STMicroelectronics M58BW16F Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 81 page
background image
Command interface
M58BW16F, M58BW32F
38/81
Table 10.
Commands(1)
Command
Bus operations
1st Cycle
2nd Cycle
3rd Cycle
4th Cycle
Op.
Addr. Data
Op.
Addr.
Data
Op. Addr. Data Op.
Addr. Data
Read Memory Array
≥ 2 Write
X
FFh Read
RA
RD
Read Electronic Signature(2)
≥ 2 Write
X
90h
Read
IDA
IDD
Read Status Register
1
Write
X
70h
Read Query
≥ 2 Write
X
98h
Read
RA
RD
Clear Status Register
1
Write
X
50h
Block Erase
2
Write 55h
20h
Write
BA
D0h
Erase All Main Blocks
2
Write 55h
80h
Write
AAh
D0h
Program
any block
2
Write AAh
40h
10h
Write
PA
PD
OTP Block
2
Write AAh
40h
Write
PA
PD
Write to Buffer and Program N+4 Write AAh
E8h
Write
BA
N
Write
PA
PD
Write
X
D0h
Program/Erase Suspend
1
Write
X
B0h
Program/Erase Resume
1
Write
X
D0h
Set Burst Configuration
Register
Š3 Write
X
60h
Write BCRh
03h
Read
RA
RD
Set Block Protection
Configuration Register
2
Write
X
60h
Write
BA
01h
Clear Block Protection
Configuration Register
2
Write
X
60h
Write
BA
D0h
1.
X Don’t Care; RA Read Address, RD Read Data, ID Device Code,
IDA Identifier Address, IDD Identifier Data, SRD Status
Register Data, PA Program Address; PD Program Data, QA Query Address, QD Query Data, BA Any address in the Block,
BCR Burst Configuration Register value, N+1 number of Words to program, BA Block address.
2.
The Manufacturer Code, the Device Code, the Burst Configuration Register, and the Block Protection Configuration
Register of each block are read using the Read Electronic Signature command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com