Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD78F0949 Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # UPD78F0949
Description  PRELIMINARY PRODUCT INFORMATION
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD78F0949 Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button UPD78F0949 Datasheet HTML 45Page - Renesas Technology Corp UPD78F0949 Datasheet HTML 46Page - Renesas Technology Corp UPD78F0949 Datasheet HTML 47Page - Renesas Technology Corp UPD78F0949 Datasheet HTML 48Page - Renesas Technology Corp UPD78F0949 Datasheet HTML 49Page - Renesas Technology Corp UPD78F0949 Datasheet HTML 50Page - Renesas Technology Corp UPD78F0949 Datasheet HTML 51Page - Renesas Technology Corp UPD78F0949 Datasheet HTML 52Page - Renesas Technology Corp UPD78F0949 Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 72 page
background image
49
µPD78F0949
Recommended Oscillator Data
Table 13-3a: Main System Clock: Ceramic Resonator (TA = -40 to +85° C, VDD = 4.0 to 5.5 V)
Table 13-3b: Main System Clock: Crystal Resonator (TA = -40 to +85° C, VDD = 4.0 to 5.5 V)
Recommended Oscillator
Constant
Manufacturer
Product Name
Frequency
(MHz)
C1 (pF)
C2 (pF)
R1 (k
Ω)
Remarks
CSA4.00MGA
4.0
30
30
0
CST4.00MGWA
4.0
30
30
0
built-in
capacitor
CSAC4.00MGCA
4.0
30
30
0
CSTCC4.00MGA
4.0
15
15
0
built-in
capacitor
CSA8.00MGA
8.0
30
30
0
CST8.00MGWA
8.0
30
30
0
built-in
capacitor
CSAC8.00MGCA
8.0
30
30
0
Murata Mfg.
Co., Ltd.
CSTCC8.00MGA
8.0
15
15
0
built-in
capacitor
PBRC4.00BRVA
4.0
33
33
0
AVX –
Kyocera Grp.
PBRC8.00BRVA
8.0
33
33
0
Recommended Oscillator
Constant
Manufacturer
Product Name
Frequency
(MHz)
C1 (pF)
C2 (pF)
R1 (k
Ω)
Remarks
CX-5FW 4MHz
4.0
10
10
8.2
HC-49/U-S 8MHz
8.0
8
8
0
Kinseki
CX-11F 8MHz
8.0
3.3
3.3
2.4
NDK
AT-51
8.0
15
15
0
KDS -
Daishinku
AT-49
8.0
27
18
0
HC49/U13
8.0
27
33
0
HC49/L
8.0
27
33
0
SaRonix
HC49/S
8.0
27
33
0
Caution:
The oscillator constants and oscillator voltage range indicate conditions for stable
oscillation, but do not guarantee oscillation friquency accuracy. If oscillation frequency
accuracy is required for actual circuits, it is necessary to adjust the oscillation frequency
of the oscillator in the actual circuit. Please contact directly the manufacturer of the
resonator to be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com