Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LXT971ALC Datasheet(PDF) 1 Page - Intel Corporation

Part # LXT971ALC
Description  3.3V Dual-Speed Fast Ethernet PHY Transceiver
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT971ALC Datasheet(HTML) 1 Page - Intel Corporation

  LXT971ALC Datasheet HTML 1Page - Intel Corporation LXT971ALC Datasheet HTML 2Page - Intel Corporation LXT971ALC Datasheet HTML 3Page - Intel Corporation LXT971ALC Datasheet HTML 4Page - Intel Corporation LXT971ALC Datasheet HTML 5Page - Intel Corporation LXT971ALC Datasheet HTML 6Page - Intel Corporation LXT971ALC Datasheet HTML 7Page - Intel Corporation LXT971ALC Datasheet HTML 8Page - Intel Corporation LXT971ALC Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 90 page
background image
Intel® LXT971A
3.3V Dual-Speed Fast Ethernet PHY Transceiver
Datasheet
The LXT971A is an IEEE compliant Fast Ethernet PHY Transceiver that directly supports both
100BASE-TX and 10BASE-T applications. It provides a Media Independent Interface (MII) for
easy attachment to 10/100 Media Access Controllers (MACs). The LXT971A also provides a
Low Voltage PECL (LVPECL) interface for use with 100BASE-FX fiber networks.
This document also supports the LXT971 device.
The LXT971A supports full-duplex operation at 10 Mbps and 100 Mbps. Its operating condition
can be set using auto-negotiation, parallel detection, or manual control.
The LXT971A is fabricated with an advanced CMOS process and requires only a single 3.3V
power supply.
Applications
Product Features
■
Combination 10BASE-T/100BASE-TX or
100BASE-FX Network Interface Cards
(NICs)
■
10/100 PCMCIA Cards
■
Cable Modems and Set-Top Boxes
■
3.3V Operation.
■
Low power consumption (300 mW
typical).
■
Low-power “Sleep” mode.
■
10BASE-T and 100BASE-TX using a
single RJ-45 connection.
■
Supports auto-negotiation and parallel
detection.
■
MII interface with extended register
capability.
■
Robust baseline wander correction
performance.
■
100BASE-FX fiber-optic capable.
■
Standard CSMA/CD or full-duplex
operation.
■
Supports JTAG boundary scan.
■
Configurable via MDIO serial port or
hardware control pins.
■
Integrated, programmable LED drivers.
■
64-ball Plastic Ball Grid Array (PBGA).
— LXT971ABC - Commercial (0
° to
70
°C ambient).
—LXT971ABE - Extended (-40
° to 85°C
ambient).
■
64-pin Low-profile Quad Flat Package
(LQFP).
— LXT971ALC - Commercial (0
° to
70
°C ambient).
— LXT971ALE - Extended (-40
° to 85°C
ambient).
Order Number: 249414-002
August 2002


Similar Part No. - LXT971ALC

ManufacturerPart #DatasheetDescription
logo
Level One
LXT970 LVL1-LXT970 Datasheet
3Mb / 56P
Fast Ethernet Transceiver
logo
Intel Corporation
LXT970A INTEL-LXT970A Datasheet
1Mb / 74P
Dual-Speed Fast Ethernet Transceiver
logo
Pulse A Technitrol Comp...
LXT970A PULSE-LXT970A Datasheet
253Kb / 12P
LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
logo
Intel Corporation
LXT970AQC INTEL-LXT970AQC Datasheet
1Mb / 74P
Dual-Speed Fast Ethernet Transceiver
LXT970ATC INTEL-LXT970ATC Datasheet
1Mb / 74P
Dual-Speed Fast Ethernet Transceiver
More results

Similar Description - LXT971ALC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STE100P STMICROELECTRONICS-STE100P Datasheet
193Kb / 29P
10/100 FAST ETHERNET 3.3V TRANSCEIVER
Jan-2000
logo
Intel Corporation
LXT970A INTEL-LXT970A Datasheet
1Mb / 74P
Dual-Speed Fast Ethernet Transceiver
logo
Mitel Networks Corporat...
NWK933 MITEL-NWK933 Datasheet
141Kb / 18P
3.3V 10/100 Fast Ethernet Transceiver to MII
logo
Intel Corporation
LXT972A INTEL-LXT972A Datasheet
833Kb / 70P
3.3V Dual-Speed Fast Ethernet Transceiver Datasheet
logo
SMSC Corporation
LAN83C180 SMSC-LAN83C180 Datasheet
181Kb / 10P
10/100 FAST ETHERNET PHY TRANSCEIVER
logo
List of Unclassifed Man...
DM9701F ETC1-DM9701F Datasheet
130Kb / 3P
Gigabit Ethernet PHY Transceiver
logo
STMicroelectronics
STE101P STMICROELECTRONICS-STE101P Datasheet
103Kb / 5P
10/100 Fast ethernet 3.3V transceiver
10-Feb-2006
logo
SMSC Corporation
LAN83C180 SMSC-LAN83C180_01 Datasheet
163Kb / 22P
10/100 Fast Ethernet PHY Transceiver
logo
STMicroelectronics
STE100P STMICROELECTRONICS-STE100P_06 Datasheet
348Kb / 31P
10/100 FAST ETHERNET 3.3V TRANSCEIVER
Feb-2006
logo
List of Unclassifed Man...
EGLXT973QEA3V ETC2-EGLXT973QEA3V Datasheet
402Kb / 20P
Cortina Systems짰 LXT973 10/100 Mbps Dual-Port Fast Ethernet PHY Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com