Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LXT971ALC Datasheet(PDF) 25 Page - Intel Corporation

Part # LXT971ALC
Description  3.3V Dual-Speed Fast Ethernet PHY Transceiver
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT971ALC Datasheet(HTML) 25 Page - Intel Corporation

Back Button LXT971ALC Datasheet HTML 21Page - Intel Corporation LXT971ALC Datasheet HTML 22Page - Intel Corporation LXT971ALC Datasheet HTML 23Page - Intel Corporation LXT971ALC Datasheet HTML 24Page - Intel Corporation LXT971ALC Datasheet HTML 25Page - Intel Corporation LXT971ALC Datasheet HTML 26Page - Intel Corporation LXT971ALC Datasheet HTML 27Page - Intel Corporation LXT971ALC Datasheet HTML 28Page - Intel Corporation LXT971ALC Datasheet HTML 29Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 90 page
background image
LXT971A 3.3V Dual-Speed Fast Ethernet Transceiver
Datasheet
25
Document #: 249414
Revision #: 002
Rev. Date: August 7, 2002
3.2.3.1.3 MII Interrupts
The LXT971A provides a single interrupt pin (MDINT). Interrupt logic is shown in Figure 6. The
LXT971A also provides two dedicated interrupt registers. Register 18 provides interrupt enable
and mask functions and Register 19 provides interrupt status. Setting Register bit 18.1 = 1, enables
the device to request interrupt via the MDINT pin. An active Low on this pin indicates a status
change on the LXT971A. Interrupts may be caused by four conditions:
• Auto-negotiation complete
• Speed status change
• Duplex status change
• Link status change
3.2.3.2
Hardware Control Interface
The LXT971A provides a Hardware Control Interface for applications where the MDIO is not
desired. The Hardware Control Interface uses the three LED driver pins to set device configuration.
Refer to the Hardware Configuration Settings section on page 30 for additional details.
Figure 5. Management Interface Write Frame Structure
MDC
MDIO
(Write)
32 "1"s
01
01
Preamble
ST
Op Code
PHY Address
Turn
Around
1
0
A4
A3
A0
R4
R3
R0
Register Address
D15
D14
D1
D0
Data
Idle
Idle
Write
Figure 6. Interrupt Logic
NAND
Even X Mask Reg
Even X Status Reg
Force Interrupt
Interrupt Enable
AND
OR
Interrupt Pin (MDINT)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com