Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LXT971ALC Datasheet(PDF) 4 Page - Intel Corporation

Part # LXT971ALC
Description  3.3V Dual-Speed Fast Ethernet PHY Transceiver
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT971ALC Datasheet(HTML) 4 Page - Intel Corporation

  LXT971ALC Datasheet HTML 1Page - Intel Corporation LXT971ALC Datasheet HTML 2Page - Intel Corporation LXT971ALC Datasheet HTML 3Page - Intel Corporation LXT971ALC Datasheet HTML 4Page - Intel Corporation LXT971ALC Datasheet HTML 5Page - Intel Corporation LXT971ALC Datasheet HTML 6Page - Intel Corporation LXT971ALC Datasheet HTML 7Page - Intel Corporation LXT971ALC Datasheet HTML 8Page - Intel Corporation LXT971ALC Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 90 page
background image
LXT971A 3.3 V Dual-Speed Fast Ethernet Transceiver
4
Datasheet
Document #: 249414
Revision #: 002
Rev. Date: August 7, 2002
3.6.7.2 Test Loopback...................................................................................... 35
3.7
100 Mbps Operation ......................................................................................................... 36
3.7.1
100BASE-X Network Operations...................................................................... 36
3.7.2
Collision Indication ............................................................................................ 38
3.7.3
100BASE-X Protocol Sublayer Operations ....................................................... 38
3.7.3.1 PCS Sublayer ....................................................................................... 38
3.7.3.2 PMA Sublayer...................................................................................... 41
3.7.3.3 Twisted-Pair PMD Sublayer................................................................ 42
3.7.3.4 Fiber PMD Sublayer ............................................................................ 43
3.8
10 Mbps Operation ........................................................................................................... 43
3.8.1
10BASE-T Preamble Handling.......................................................................... 43
3.8.2
10BASE-T Carrier Sense ................................................................................... 43
3.8.3
10BASE-T Dribble Bits ..................................................................................... 43
3.8.4
10BASE-T Link Integrity Test........................................................................... 44
3.8.4.1 Link Failure.......................................................................................... 44
3.8.5
10BASE-T SQE (Heartbeat) .............................................................................. 44
3.8.6
10BASE-T Jabber .............................................................................................. 44
3.8.7
10BASE-T Polarity Correction .......................................................................... 44
3.9
Monitoring Operations ..................................................................................................... 44
3.9.1
Monitoring Auto-Negotiation ............................................................................ 44
3.9.1.1 Monitoring Next Page Exchange......................................................... 45
3.9.2
LED Functions ................................................................................................... 45
3.9.2.1 LED Pulse Stretching........................................................................... 45
3.10
Boundary Scan (JTAG1149.1) Functions ........................................................................ 46
3.10.1
Boundary Scan Interface .................................................................................... 46
3.10.2
State Machine..................................................................................................... 46
3.10.3
Instruction Register ............................................................................................ 46
3.10.4
Boundary Scan Register (BSR).......................................................................... 46
4.0
Application Information.................................................................................................................. 48
4.1
Magnetics Information ..................................................................................................... 48
4.2
Typical Twisted-Pair Interface ......................................................................................... 48
4.3
The Fiber Interface ........................................................................................................... 52
5.0
Test Specifications .......................................................................................................................... 56
5.1
Electrical Parameters ........................................................................................................56
5.2
Timing Diagrams ..............................................................................................................61
6.0
Register Definitions ........................................................................................................................ 71
7.0
Package Specifications.................................................................................................................... 88
8.0
Product Ordering Information......................................................................................................... 90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com