Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RAM-MOUNT-07E Datasheet(PDF) 9 Page - Advantech Co., Ltd.

Part # RAM-MOUNT-07E
Description  10.1" Industrial Tablet with Qualcomm Processor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

RAM-MOUNT-07E Datasheet(HTML) 9 Page - Advantech Co., Ltd.

Back Button RAM-MOUNT-07E Datasheet HTML 2Page - Advantech Co., Ltd. RAM-MOUNT-07E Datasheet HTML 3Page - Advantech Co., Ltd. RAM-MOUNT-07E Datasheet HTML 4Page - Advantech Co., Ltd. RAM-MOUNT-07E Datasheet HTML 5Page - Advantech Co., Ltd. RAM-MOUNT-07E Datasheet HTML 6Page - Advantech Co., Ltd. RAM-MOUNT-07E Datasheet HTML 7Page - Advantech Co., Ltd. RAM-MOUNT-07E Datasheet HTML 8Page - Advantech Co., Ltd. RAM-MOUNT-07E Datasheet HTML 9Page - Advantech Co., Ltd. RAM-MOUNT-07E Datasheet HTML 10Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
AIM-78S Extensions and Accessories
Extension Modules
Barcode Scanner (20°)
Barcode Scanner (70°)
MSR + barcode scanner
module
LAN + COM module
Part Number
AIM-EXT0-0040
AIM-EXT0-0041
AIM-P521A0
AIM-EXT0-0046
Features
ƒ
Sensor: 640 x 480 CMOS
sensor
ƒ
Illumination & Aiming: White
LED illuminatoin/Red LED dot
aimer
ƒ
Frame rate: 30 fps
ƒ
Field of view: Horizontal: 37.8°;
Vertical: 28.8°
ƒ
Sensor: 640 x 480 CMOS
sensor
ƒ
Illumination & Aiming: White
LED illuminatoin/Red LED dot
aimer
ƒ
Frame rate: 30 fps
ƒ
Field of view: Horizontal: 37.8°;
Vertical: 28.8°
MSR
ƒ
Swipe Speed: 3-75 inch/sec
ƒ
Support Format: ISO7811/
JIS II
ƒ
Bi-Direction Swipe
Barcode Scanner
ƒ
Sensor: 640 x 480 CMOS
sensor
ƒ
Illumination & Aiming: White
LED illuminatoin/Red LED dot
aimer
ƒ
Frame rate: 30 fps
ƒ
Field of view: Horizontal: 37.8°;
Vertical: 28.8°
1 x 10/100 Ethernet port
1 x COM port
Dimensions
130.2 x 38.7 x 27.8 mm
(5.12 x 1.52 x 1.09 in)
130.2 x 38.7 x 32 mm
(5.12 x 1.52 x 1.25 in)
130.2 x 68.84 x 80 mm
(5.12 x 2.71 x 3.15 in)
130.2 x 70 x 29 mm
(5.12 x 2.75 x 1.14 in)
Weight
0.042 kg (0.092 lb)
0.042 kg (0.092 lb)
100g (0.22lb)
0.078 kg (0.171 lb)
UHF RFID Reader
UHF RFID Reader
UHF RFID Reader (Flat type)
Part Number
AIM-EXT0-0047
AIM-EXT0-0049
AIM-EXT0-0050
Features
ƒ
RFID output power: 25 watt
ƒ
RFID antenna type: Linear polarization
ƒ
Frequency:
EU: 867 ~ 869MHz;
US: 913 ~ 917 MHz
ƒ
Tag standard supported: EPC Class 2 Gen.
2/ ISO 18000-6C
ƒ
RFID output power: 25 watt
ƒ
RFID antenna type: Linear polarization
ƒ
Frequency:
EU: 867 ~ 869MHz;
US: 913 ~ 917 MHz
ƒ
Tag standard supported: EPC Class 2 Gen.
2/ ISO 18000-6C
ƒ
RFID output power: 25 watt
ƒ
RFID antenna type: Linear
polarization
ƒ
Frequency: 867 ~ 869MHz;
Tag standard supported: EPC
Class 2 Gen. 2/ ISO 18000-6C
Dimensions
130.20 x 63.80 x 79.40 mm
(5.12 x 2.5 x 3.13 in)
130.20 x 63.80 x 79.40 mm
(5.12 x 2.5 x 3.13 in)
130.2 x 110.75 x 82.51mm
(5.12 x 4.35 x 3.25 in)
Weight
0.08 kg (0.176 lb)
0.08 kg (0.176 lb)
160g (0.352lb)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com