Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RAM-MOUNT-07E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # RAM-MOUNT-07E
Description  10.1" Industrial Tablet with Qualcomm Processor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

RAM-MOUNT-07E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  RAM-MOUNT-07E Datasheet HTML 1Page - Advantech Co., Ltd. RAM-MOUNT-07E Datasheet HTML 2Page - Advantech Co., Ltd. RAM-MOUNT-07E Datasheet HTML 3Page - Advantech Co., Ltd. RAM-MOUNT-07E Datasheet HTML 4Page - Advantech Co., Ltd. RAM-MOUNT-07E Datasheet HTML 5Page - Advantech Co., Ltd. RAM-MOUNT-07E Datasheet HTML 6Page - Advantech Co., Ltd. RAM-MOUNT-07E Datasheet HTML 7Page - Advantech Co., Ltd. RAM-MOUNT-07E Datasheet HTML 8Page - Advantech Co., Ltd. RAM-MOUNT-07E Datasheet HTML 9Page - Advantech Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Features
AIM-78S
ƒ
Equipped with DeviceOn/iService software for remote device management
ƒ
Qualcomm SDA660/SDM660 with Android 10
ƒ
10" WUXGA full HD display with scratch-resistant Corning® Gorilla® Glass
and multi-touch PCAP control supports glove mode
ƒ
Integrated barcode scanner supports data collection
ƒ
Fast roaming and dual band WLAN , BT 5.0, NFC, 4G LTE connectivity for
seamless communications
ƒ
Optional extension include 1D/2D barcode scanner, LAN+COM module, UHF
RFID module
Introduction
AIM-78S is an industrial grade tablet for vertical markets of manufacturing, warehousing management, field service. Features with 6 hours battery life,integrated barcode scanner,
high brightness LCD and IP65. The WIFI/LTE connectivity brings the mobility to users, and plus the extension and docking peripheral. AIM-78S is suitable to use in indoor and
outdoor environment.
Moreover, AIM-78S is equipped with Advantech’s DeviceOn/iService software, which is a next-generation unified device management solution based on the WISE-DeviceOn platform.
With support for batch operations and multi-device control, DeviceOn/iService enables easy device configuration and deployment for convenient remote device management.
Specifications
System
Processor
Qualcomm SDA660 /SDM660 (up to 2.2GHz)
Memory
4 GB LPDDR4x
OS
Android 10
Storage
eMMC
64 GB
Micro-SD
Support (up to 2TB)
Display
Type
10.1" FHD LCD
Resolution
WUXGA 1920 x 1200
Brightness
380 cd/m² (optional 800 cd/m²)
Touch Type
10-point multi-touch P-CAP touch control
Glass Type
Corning® Gorilla® Glass 3
Communication
WLAN
IEEE 802.11 a/b/g/n/ac/k/v/r
Bluetooth
Bluetooth® v5.0 + BLE
WWAN (Optional)
4G LTE multi-device broadband
NFC
13.56 MHz, compatible with ISO15693, ISO14443A, ISO 14443B, FeliCa
Connectivity
Standard I/O
1 x USB3.1 Type C supporting data transmission and USB tethering, 1 x USB 2.0 Type A,
1 x Combo audio jack,
1 x 19 VDC-in jack, 1 x SIM card reader, 1 x micro SD card
Extended I/O
1 x AIM extension 14-pin pogo connector: 1 x USB 2.0, 1 x 2-wire UART, 5V/1A power
Docking
1 x AIM docking 16-pin pogo connector: 1 x USB 3.0, 12V power
Speaker
2 x Internal speakers (2 W)
Audio
Audio Jack
1 x Audio combo jack (combines stereo audio output and mono microphone input)
Camera
Front
8.0-megapixel fixed-focus camera
Rear
13.0-megapixel aufo-focus camera with LED flash
Sensors
Ambient Light Sensor, e-Compass, G-sensor, Gyroscope
Barcode Scanner(Optional)
Integrated 1D/2D barcode scanner
Control Buttons
1 x Power button, 2 x volume keys (up/down), 1 x programmable function key
System Indicator
Full: green (100%); Charging: blue; Low: Orange (≤10%)
Power System
Input Voltage
DC jack: 19V/3.42A
Docking pogo: 12V/2A
Battery
Swappable battery with capacity LED indicators; 10.8V, 2400 mAh, 26 WHr
Operating time: Approximately 6 hr (depending on usage scenario*)
Charging time: < 3 hr
10.1" Industrial Tablet with
Qualcomm Processor
CL
ASSIFIED
U
® L
C
US
All product specifications are subject to change without notice.
Last updated: 14-Jun-2022


Similar Part No. - RAM-MOUNT-07E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
RAM-MOUNT-07E ADVANTECH-RAM-MOUNT-07E Datasheet
1Mb / 2P
RISC All-in-One Mobile Data Terminal
RAM-MOUNT-07E ADVANTECH-RAM-MOUNT-07E Datasheet
1Mb / 5P
10" Industrial Tablet with 4th Generation Intel Core i Processor
RAM-MOUNT-07E ADVANTECH-RAM-MOUNT-07E Datasheet
1Mb / 5P
10 Industrial Tablet with 4th Generation Intel® Core™ i Processor
4-Jun-2020
RAM-MOUNT-07E ADVANTECH-RAM-MOUNT-07E Datasheet
1Mb / 9P
10.1" Medical Grade Tablet with Qualcomm® Snapdragon™ 660
10-May-2022
RAM-MOUNT-07E ADVANTECH-RAM-MOUNT-07E Datasheet
1Mb / 2P
Application Ready Platform (ARP) for In-vehicle Applications
6-Jan-2016
More results

Similar Description - RAM-MOUNT-07E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AIM-37 ADVANTECH-AIM-37 Datasheet
981Kb / 2P
10.1 Industrial Tablet for Retail Application
AIM-37 ADVANTECH-AIM-37_V01 Datasheet
3Mb / 4P
10.1 Industrial Tablet-Based Mini POS System
11-May-2018
SRP-FPV242-AE ADVANTECH-SRP-FPV242-AE Datasheet
863Kb / 2P
10.1" Industrial Tablet ACP Ready ThinClient
15-May-2019
logo
BCM Advanced Research.
CAXA0 BCM-CAXA0 Datasheet
606Kb / 2P
10.1” Semi-Rugged Tablet with Intel® Celeron® N3350 Processor
2021/08/20
OFT-10W03 BCM-OFT-10W03 Datasheet
487Kb / 2P
10.1” Open Frame Tablet
2021/08/30
logo
Advantech Co., Ltd.
AIM-68 ADVANTECH-AIM-68 Datasheet
1Mb / 7P
10.1" Industrial Tablet with Intel® Atom™ Processor
15-May-2018
AIM-75 ADVANTECH-AIM-75 Datasheet
2Mb / 7P
8" Industrial-Grade Tablet with Qualcomm® Snapdragon™ 660 Processor, Android 10 with GMS
26-Mar-2021
AIM-78H ADVANTECH-AIM-78H Datasheet
1Mb / 9P
10.1" Medical Grade Tablet with Qualcomm® Snapdragon™ 660
10-May-2022
AIM-68 ADVANTECH-AIM-68_V01 Datasheet
1Mb / 7P
10.1" Industrial Tablet with Intel® Atom™ Processor
16-May-2019
AIM-38 ADVANTECH-AIM-38 Datasheet
1Mb / 8P
10.1" Industrial Tablet for Retail Application Powered by Intel® Atom™ Processor
31-Aug-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com