Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RAM-MOUNT-07E Datasheet(PDF) 10 Page - Advantech Co., Ltd.

Part # RAM-MOUNT-07E
Description  10.1" Industrial Tablet with Qualcomm Processor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

RAM-MOUNT-07E Datasheet(HTML) 10 Page - Advantech Co., Ltd.

Back Button RAM-MOUNT-07E Datasheet HTML 2Page - Advantech Co., Ltd. RAM-MOUNT-07E Datasheet HTML 3Page - Advantech Co., Ltd. RAM-MOUNT-07E Datasheet HTML 4Page - Advantech Co., Ltd. RAM-MOUNT-07E Datasheet HTML 5Page - Advantech Co., Ltd. RAM-MOUNT-07E Datasheet HTML 6Page - Advantech Co., Ltd. RAM-MOUNT-07E Datasheet HTML 7Page - Advantech Co., Ltd. RAM-MOUNT-07E Datasheet HTML 8Page - Advantech Co., Ltd. RAM-MOUNT-07E Datasheet HTML 9Page - Advantech Co., Ltd. RAM-MOUNT-07E Datasheet HTML 10Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
www.advantech.com/products
Online Download
AIM-78S Extensions and Accessories
Accessories
Hand Strap
Shoulder Strap
(Portrait)
Shoulder Strap
(Landscape)
360° rotatable hand
strap
Part Number
AIM-SRP0-0000
AIM-SRP0-0001
AIM-SRP0-0002
AIM-SRP0-0004
Features
Black
With one stylus holder
Black
With one stylus holder
Black
With one stylus holder
Black
360° rotatable
Dimensions
240 x 20 mm
(9.44 x 0.78 in)
380 x 135 x 20 mm
(14.96 x 5.31 x 0.78 in)
1820 x 20 mm
(71.65 x 0.78 in)
160 x 160 mm
(6.3 x 6.3 in)
Weight
0.022 kg (0.048 lb)
0.05 kg (0.11 lb)
0.05 kg (0.11 lb)
158g (0.35lb)
Battery with Meter
Active stylus
AG+AR Screen Protective Film
Part Number
AIM-BAT0-0452
AIM-P705
AIM-EXT0-0480
Features
Black
Silver
Hardness: 2~3H
Reflection Rate: 0.15%
Haze: 15%
AG/AR Film For sunlight readable
Dimensions
120 x 87 x 7.5 mm
(4.72 x 3.43 x 0.30 in)
140 x 9.7 mm (5.51 x 0.38 in)
249 x 165 X 0.150 mm (9.80 x 6.50 x 0.006 in)
Weight
0.147 kg (0.324 lb)
0.02 kg (0.044 lb)
0.014 kg (0.03 lb)
Stylus Holder



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com