| Electronic Components Datasheet Search |
|
MPF42791 Datasheet(PDF) 46 Page - Monolithic Power Systems |
|
|
|||||||||||||||||||||||||||||
MPF42791 Datasheet(HTML) 46 Page - Monolithic Power Systems |
|
46 / 75 page ![]() MPF42791 – 2 TO 16 BATTERY PACK FG W/ R DETECTION AND THERMAL MODEL MPF42791 Rev. 1.0 MonolithicPower.com 46 9/19/2022 MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited. © 2022 MPS. All Rights Reserved. RCXN_RSLT_ CELL1, 0x0695 Returns the state of cell 1 ’s connection resistance result. 0: Default 1: Updated 2: Updated to max 3: Updated to min 2, [1:0] Read-only 8-bit unsigned integer LSB = 1 0 0 to 3 RCXN_RSLT_ CELL2, 0x0696 Returns the state of cell 2’s connection resistance result. 0: Default 1: Updated 2: Updated to max 3: Updated to min 2, [1:0] Read-only 8-bit unsigned integer LSB = 1 0 0 to 3 RCXN_RSLT_ CELL3, 0x0697 Returns the state of cell 3’s connection resistance result. 0: Default 1: Updated 2: Updated to max 3: Updated to min 2, [1:0] Read-only 8-bit unsigned integer LSB = 1 0 0 to 3 RCXN_RSLT_ CELL4, 0x0698 Returns the state of cell 4’s connection resistance result. 0: Default 1: Updated 2: Updated to max 3: Updated to min 2, [1:0] Read-only 8-bit unsigned integer LSB = 1 0 0 to 3 RCXN_RSLT_ CELL5, 0x0699 Returns the state of cell 5’s connection resistance result. 0: Default 1: Updated 2: Updated to max 3: Updated to min 2, [1:0] Read-only 8-bit unsigned integer LSB = 1 0 0 to 3 RCXN_RSLT_ CELL6, 0x069A Returns the state of cell ’s connection resistance result. 0: Default 1: Updated 2: Updated to max 3: Updated to min 2, [1:0] Read-only 8-bit unsigned integer LSB = 1 0 0 to 3 RCXN_RSLT_ CELL7, 0x069B Returns the state of cell 7’s connection resistance result. 0: Default 1: Updated 2: Updated to max 3: Updated to min 2, [1:0] Read-only 8-bit unsigned integer LSB = 1 0 0 to 3 RCXN_RSLT_ CELL8, 0x069C Returns the state of cell ’s connection resistance result. 0: Default 1: Updated 2: Updated to max 3: Updated to min 2, [1:0] Read-only 8-bit unsigned integer LSB = 1 0 0 to 3 RCXN_RSLT_ CELL9, 0x069D Returns the state of cell 9’s connection resistance result. 0: Default 1: Updated 2: Updated to max 3: Updated to min 2, [1:0] Read-only 8-bit unsigned integer LSB = 1 0 0 to 3 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |