Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPF42791 Datasheet(PDF) 49 Page - Monolithic Power Systems

Part # MPF42791
Description  2 to 16 Stacked Cells Battery Pack Fuel Gauge with Resistance Detection and Thermal Model
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPF42791 Datasheet(HTML) 49 Page - Monolithic Power Systems

Back Button MPF42791 Datasheet HTML 45Page - Monolithic Power Systems MPF42791 Datasheet HTML 46Page - Monolithic Power Systems MPF42791 Datasheet HTML 47Page - Monolithic Power Systems MPF42791 Datasheet HTML 48Page - Monolithic Power Systems MPF42791 Datasheet HTML 49Page - Monolithic Power Systems MPF42791 Datasheet HTML 50Page - Monolithic Power Systems MPF42791 Datasheet HTML 51Page - Monolithic Power Systems MPF42791 Datasheet HTML 52Page - Monolithic Power Systems MPF42791 Datasheet HTML 53Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 75 page
background image
MPF42791 – 2 TO 16 BATTERY PACK FG W/ R DETECTION AND THERMAL MODEL
MPF42791 Rev. 1.0
MonolithicPower.com
49
9/19/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
PDIS_LIM,
0x07B6
Returns the limiting factor in the
maximum discharge power estimate.
0: Cell
1: Pack
1, [0]
Read-only
8-bit unsigned integer
0
0 to 1
PCHG,
0x07B7
Returns
the
maximum
possible
applicable charge power.
32, [31:0]
Read-only
32-bit unsigned integer
LSB = 0.1mW
0mW
0mW to
429496729.5mW
PCHG_ID,
0x07BB
Returns the cell ID that is most
significantly limiting the maximum
charge power estimate.
5, [4:0]
Read-only
8-bit unsigned integer
LSB = 1 (cell ID)
1 (cell
ID)
1 to 16 (cell ID)
PCHG_LIM,
0x07BC
Returns the limiting factor in the
maximum charge power estimate.
0: Cell
1: Pack
1, [0]
Read-only
8-bit unsigned integer
0
0 to 1
OT_ID,
0x07BD
Returns the cell ID with the highest
temperature,
per
the
cell
temperature sensor.
3, [2:0]
Read-only
8-bit unsigned integer
LSB = 1 (cell ID)
Offset = 1 (cell ID)
1 (cell
ID)
1 to 4 (cell ID)
WARN_
OTCHG_CC,
0x07BE
Returns the predicted charge CC
over-temperature (OT) warning.
1, [0]
Read-only
Boolean true/false
0
0 to 1
WARN_
OTCHG_END,
0x07BE
Returns
the
predicted
charge
termination OT warning.
1, [1]
Read-only
Boolean true/false
0
0 to 1
WARN_OTDIS,
0x07BE
Returns the predicted discharge OT
warning.
1, [2]
Read-only
Boolean true/false
0
0 to 1
FG_ITER,
0x07BF
Counts the number of iterations
executed by the fuel gauge.
32, [31:0]
Read-only
32-bit unsigned integer
LSB = 1
0
0 to 4294967295
Fuel Gauge Lifetime Log
Name, Address
Description
Bit Length,
Position
Type
Encoding
Decoded
Default Value
Range
VRDG_MIN_
CELL1,
0x0C00
Returns
cell
1’s
minimum
measured voltage.
16, [15:0]
Read-only
16-bit unsigned integer
LSB = 0.1mV
5000mV
0mV to
6553.5mV
VRDG_MIN_
CELL2,
0x0C02
Returns
cell
2
’s
minimum
measured voltage.
16, [15:0]
Read-only
16-bit unsigned integer
LSB = 0.1mV
5000mV
0mV to
6553.5mV
VRDG_MIN_
CELL3,
0x0C04
Returns
cell
3
’s
minimum
measured voltage.
16, [15:0]
Read-only
16-bit unsigned integer
LSB = 0.1mV
5000mV
0mV to
6553.5mV
VRDG_MIN_
CELL4,
0x0C06
Returns
cell
4
’s
minimum
measured voltage.
16, [15:0]
Read-only
16-bit unsigned integer
LSB = 0.1mV
5000mV
0mV to
6553.5mV
VRDG_MIN_
CELL5,
0x0C08
Returns
cell
5
’s
minimum
measured voltage.
16, [15:0]
Read-only
16-bit unsigned integer
LSB = 0.1mV
5000mV
0mV to
6553.5mV
VRDG_MIN_
CELL6,
0x0C0A
Returns
cell
6
’s
minimum
measured voltage.
16, [15:0]
Read-only
16-bit unsigned integer
LSB = 0.1mV
5000mV
0mV to
6553.5mV
VRDG_MIN_
CELL7,
0x0C0C
Returns
cell
7
’s
minimum
measured voltage.
16, [15:0]
Read-only
16-bit unsigned integer
LSB = 0.1mV
5000mV
0mV to
6553.5mV
VRDG_MIN_
CELL8,
0x0C0E
Returns
cell
8
’s
minimum
measured voltage.
16, [15:0]
Read-only
16-bit unsigned integer
LSB = 0.1mV
5000mV
0mV to
6553.5mV
VRDG_MIN_
CELL9,
0x0C10
Returns
cell
9
’s
minimum
measured voltage.
16, [15:0]
Read-only
16-bit unsigned integer
LSB = 0.1mV
5000mV
0mV to
6553.5mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com