Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPF42791 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MPF42791
Description  2 to 16 Stacked Cells Battery Pack Fuel Gauge with Resistance Detection and Thermal Model
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPF42791 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MPF42791 Datasheet HTML 2Page - Monolithic Power Systems MPF42791 Datasheet HTML 3Page - Monolithic Power Systems MPF42791 Datasheet HTML 4Page - Monolithic Power Systems MPF42791 Datasheet HTML 5Page - Monolithic Power Systems MPF42791 Datasheet HTML 6Page - Monolithic Power Systems MPF42791 Datasheet HTML 7Page - Monolithic Power Systems MPF42791 Datasheet HTML 8Page - Monolithic Power Systems MPF42791 Datasheet HTML 9Page - Monolithic Power Systems MPF42791 Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 75 page
background image
MPF42791 – 2 TO 16 BATTERY PACK FG W/ R DETECTION AND THERMAL MODEL
MPF42791 Rev. 1.0
MonolithicPower.com
6
9/19/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
ABSOLUTE MAXIMUM RATINGS (1)
VCC supply voltage (VCC) ........................... 3.6V
VDD supply voltage (VDD) ........................... 3.6V
nRST pin......................................-0.3V to +3.6V
All other pins ........................ -0.3V to VCC + 0.3V
Total power dissipation (TA = 25°C) (2)
…………………………………………….. 500mW
Storage temperature ................ -55°C to +150°C
Junction temperature ............... -55°C to +150°C
ESD Ratings
Human body model (HBM) .................... ±4000V
Recommended Operating Conditions (3)
Supply voltage (VDD) ..........................3V to 3.6V
All other pins ........................ -0.3V to VCC + 0.3V
Operating junction temp (TJ) ...... -40°C to +85°C
Thermal Resistance (4)
θJA
θJC
TQFN-32 (4mmx4mm)...........47
…...4.5…°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature, TJ (MAX), the junction-to-
ambient thermal resistance,
θ
JA, and the ambient temperature,
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX) - TA) / θJA. Exceeding the maximum allowable power
dissipation can produce an excessive die temperature, and the
regulator may go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) The device is not guaranteed to function outside of its operating
conditions.
4) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com