Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5036B Datasheet(PDF) 7 Page - Texas Instruments

Part # TAS5036B
Description  Six Channel Digital Audio PWM Precessor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5036B Datasheet(HTML) 7 Page - Texas Instruments

Back Button TAS5036B Datasheet HTML 3Page - Texas Instruments TAS5036B Datasheet HTML 4Page - Texas Instruments TAS5036B Datasheet HTML 5Page - Texas Instruments TAS5036B Datasheet HTML 6Page - Texas Instruments TAS5036B Datasheet HTML 7Page - Texas Instruments TAS5036B Datasheet HTML 8Page - Texas Instruments TAS5036B Datasheet HTML 9Page - Texas Instruments TAS5036B Datasheet HTML 10Page - Texas Instruments TAS5036B Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 56 page
background image
Introduction
1
SLES073—February 2003
TAS5036B
1
Introduction
The TAS5036B is an innovative, cost-effective, high-performance 24-bit six-channel digital pulse width
modulator (PWM) based on Equibit
 technology. Combined with a TI digital amplifier power stage, these
devices use noise-shaping and sophisticated error correction algorithms to achieve high power efficiency and
high-performance digital audio reproduction. The TAS5036B is designed to drive up to six digital power
devices to provide six channels of digital audio amplification. The digital power devices can be six conventional
monolithic power stages (such as the TAS5110) or six discrete differential power stages using gate drivers
and MOSFETs.
The TAS5036B has six independent volume controls and mute. The device operates in AD and BD modes.
This all-digital audio system contains only two analog components in the signal chain—an LC low-pass filter
at each speaker terminal and can provide up to 96-dB SNR at the speaker terminals. The TAS5036B has a
wide variety of serial input options including right justified (16, 20, or 24 bit), I2S (16, 20, or 24 bit) left justified,
or DSP (16 bit) data formats. The device is fully compatible with AES standard sampling rates of 44.1 kHz,
48 kHz, 88.2 kHz, 96 kHz, 176.4 kHz, and 192 kHz including de-emphasis for 44.1-kHz and 48-kHz sample
rates. The TAS5036B plus the TAS51xx power stage device combination was designed for home theater
applications such as DVD minicomponent systems, home theater in a box (HTIB), DVD receiver, A/V receiver,
or TV sets.
1.1
Features
•
True Digital Audio Amplifier
•
High Quality Audio
–
100-dB SNR
–
<0.005% THD+N
•
Six-Channel Volume Control
–
Patented Soft Volume
–
Patented Soft Mute
•
16-, 20-, or 24-Bit Input Data
•
Sampling Rates: 44.1 kHz, 48 kHz, 88.2 kHz, 96 kHz, 176.4 kHz, and 192 kHz
•
Supports Master and Slave Modes
•
3.3-V Power Supply Operation
•
Economical 80-Pin TQFP Package
•
De-Emphasis: 32 kHz, 44.1 kHz, and 48 kHz
•
Clock Oscillator Circuit for Master Modes
•
Low Jitter Internal PLL
•
Soft Volume and Mute Update
Equibit is a trademark of Texas Instruments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com