| Electronic Components Datasheet Search |
|
TAS5036B Datasheet(PDF) 22 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TAS5036B Datasheet(HTML) 22 Page - Texas Instruments |
|
22 / 56 page ![]() Architecture Overview 16 SLES073—February 2003 TAS5036B 2.2.2 Power Down—PDN The TAS5036B can be placed into the power-down mode by holding the PDN terminal low. When power-down mode is entered, both the PLL and the oscillator are shut down. Volume is immediately set to full attenuation (there is no ramp down). The valid 1–6 outputs are immediately asserted low and the PWM outputs are placed in the hard mute state. PDN initiates device power down without clock inputs. As long as the PDN terminal is held low—the device is in the power-down (hard mute) state. During power down, all I2C and serial data bus operations are ignored. Table 2–8 shows the device output signals while PDN is active. Table 2–8. Device Outputs During Power Down SIGNAL MODE SIGNAL STATE Valid 1–Valid 6 All Low PWM P-outputs All Low PWM M-outputs All Low MCLKOUT All Low SCLK Master Low SCLK Slave Signal input LRCLK Master Low LRCLK Slave Signal input SDA All Signal input CLIP All High To place the device in total power-down mode, both RESET and power-down modes must be enabled. Prior to bringing PDN high, RESET must be brought low for a minimum of 50 ns. Because PDN is an asynchronous control signal, small clicks and pops can be produced during the application (the leading edge) of this control. However, when PDN is released, the transition from the hard mute state back to normal operation is performed synchronously using a quiet sequence. If a completely quiet reset sequence is desired, MUTE should be applied before applying PDN. 2.2.3 General Status Register The general status register is a read only register. This register provides an indication when a volume update is in progress or one of the channels is inactive. The device id can be read using this register. Volume update is in progress—Whenever a volume change is in progress due to a volume update command or mute, this status bit is high. Device identification code—The device identification code 1 0 0 1 1 is displayed. No internal errors (all valid signals are high)—When there are no internal errors in the TAS5036B and all outputs are valid, this status bit is high. One or more valid signals are inactive—If low, one or more channels of the TAS5036B are not outputting data. The valid signals for those channels are inactive. This can be produced by one of three causes: • One or more of the clock signals are in error • ERROR recover is active (low) • The automute has silenced one or more channels that are receiving 0 inputs • MUTE has been set • Volume control has been set to full attenuation If this signal is high, the TAS5036B is outputting data on all channels. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |