Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5036B Datasheet(PDF) 11 Page - Texas Instruments

Part # TAS5036B
Description  Six Channel Digital Audio PWM Precessor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5036B Datasheet(HTML) 11 Page - Texas Instruments

Back Button TAS5036B Datasheet HTML 7Page - Texas Instruments TAS5036B Datasheet HTML 8Page - Texas Instruments TAS5036B Datasheet HTML 9Page - Texas Instruments TAS5036B Datasheet HTML 10Page - Texas Instruments TAS5036B Datasheet HTML 11Page - Texas Instruments TAS5036B Datasheet HTML 12Page - Texas Instruments TAS5036B Datasheet HTML 13Page - Texas Instruments TAS5036B Datasheet HTML 14Page - Texas Instruments TAS5036B Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 56 page
background image
Introduction
5
SLES073—February 2003
TAS5036B
TERMINAL
DESCRIPTION
I/O
NAME
DESCRIPTION
I/O
NO.
PWM_AM_2
69
DO
PWM 2 output (differential -); {positive H-bridge side}
PWM_AM_3
64
DO
PWM 3 output (differential -); {positive H-bridge side}
PWM_AM_4
54
DO
PWM 4 output (differential -); {positive H-bridge side}
PWM_AM_5
49
DO
PWM 5 output (differential -); {positive H-bridge side}
PWM_AM_6
44
DO
PWM 6 output (differential -); {positive H-bridge side}
PWM_AP_1
75
DO
PWM 1 output (differential +); {positive H-bridge side}
PWM_AP_2
70
DO
PWM 2 output (differential +); {positive H-bridge side}
PWM_AP_3
65
DO
PWM 3 output (differential +); {positive H-bridge side}
PWM_AP_4
55
DO
PWM 4 output (differential +); {positive H-bridge side}
PWM_AP_5
50
DO
PWM 5 output (differential +); {positive H-bridge side}
PWM_AP_6
45
DO
PWM 6 output (differential +); {positive H-bridge side}
PWM_BM_1
72
DO
PWM 1 output (differential -); {negative H-bridge side}
PWM_BM_2
67
DO
PWM 2 output (differential -); {negative H-bridge side}
PWM_BM_3
62
DO
PWM 3 output (differential -); {negative H-bridge side}
PWM_BM_4
52
DO
PWM 4 output (differential -); {negative H-bridge side}
PWM_BM_5
47
DO
PWM 5 output (differential -); {negative H-bridge side}
PWM_BM_6
42
DO
PWM 6 output (differential -); {negative H-bridge side}
PWM_BP_1
71
DO
PWM 1 output (differential +); {negative H-bridge side}
PWM_BP_2
66
DO
PWM 2 output (differential +); {negative H-bridge side}
PWM_BP_3
61
DO
PWM 3 output (differential +); {negative H-bridge side}
PWM_BP_4
51
DO
PWM 4 output (differential +); {negative H-bridge side}
PWM_BP_5
46
DO
PWM 5 output (differential +); {negative H-bridge side}
PWM_BP_6
41
DO
PWM 6 output (differential +); {negative H-bridge side}
RESET
12
DI
System reset input, active low
SCL
17
DI
I2C serial control clock input
SCLK
30
DIO
Serial audio data clock (shift clock)
SDA
16
DIO
I2C serial control data input/ output
SDIN1
26
DI
Serial audio data 1 input
SDIN2
27
DI
Serial audio data 2 input
SDIN3
28
DI
Serial audio data 3 input
VALID_1
73
DO
Output indicating validity of PWM outputs, channel 1, active high
VALID_2
68
DO
Output indicating validity of PWM outputs, channel 2, active high
VALID_3
63
DO
Output indicating validity of PWM outputs, channel 3, active high
VALID_4
53
DO
Output indicating validity of PWM outputs, channel 4, active high
VALID_5
48
DO
Output indicating validity of PWM outputs, channel 5, active high
VALID_6
43
DO
Output indicating validity of PWM outputs, channel 6, active high
VREGA_CAP
9
P
Voltage regulator capacitor
VREGB_CAP
60
P
Voltage regulator capacitor
VREGC_CAP
34
P
Voltage regulator capacitor
XTL_IN
79
AI
Crystal or TTL level clock input
XTL_OUT
78
AO
Crystal output (not for external usage)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com