Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7139 Datasheet(PDF) 4 Page - Vitesse Semiconductor Corporation

Part # VSC7139
Description  Quad Transceiver for Gigabit Ethernet and Fibre Channel
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7139 Datasheet(HTML) 4 Page - Vitesse Semiconductor Corporation

  VSC7139 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7139 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC7139 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC7139 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC7139 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC7139 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC7139 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7139 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC7139 Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Preliminary Datasheet
VSC7139
Quad Transceiver for
Gigabit Ethernet and Fibre Channel
Page 4
G52196-0, Rev 3.3
5/14/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Word Alignment
The VSC7139 provides 7-bit comma character recognition and data word alignment. Word synchronization
is enabled on all channels by asserting ENCDET HIGH. When synchronization is enabled, the receiver exam-
ines the recovered serial data for the presence of the “Comma” pattern. This pattern is “0011111XXX”, where
the leading zero corresponds to the first bit received. The comma sequence is not contained in any normal 8B/
10B coded data character or pair of adjacent characters. It occurs only within special characters, known as
K28.1, K28.5 and K28.7, which are defined for synchronization purposes. Improper comma alignment is
defined as any of the following conditions:
1. The comma is not aligned within the 10-bit transmission character such that Rx(0...6) = “0011111”.
2. The comma straddles the boundary between two 10-bit transmission characters.
3. The comma is properly aligned but occurs in the received character presented during the rising edge of
RCx0 rather than RCx1.
When ENCDET is HIGH and an improperly-aligned comma is encountered, the recovered clock is
stretched, never slivered, so that the comma character and recovered clocks are aligned properly to Rx(0:9).
This results in proper character and word alignment. When the parallel data alignment changes in response to a
improperly-aligned comma pattern, data which would have been presented on the parallel output port prior to
the comma character, and possibly the comma character itself, may be lost. Possible loss of the comma charac-
ter is data dependent, according to the relative change in alignment. Data subsequent to the comma character
will always be output correctly and properly aligned. When ENCDET is LOW, the current alignment of the
serial data is maintained indefinitely, regardless of data pattern.
On encountering a comma character, SYNCx is driven HIGH. The SYNCx pulse is presented simulta-
neously with the comma character and has a duration equal to the data. The SYNCx signal is timed such that it
can be captured by the adjoining protocol logic on the rising edge of RCx1. Functional waveforms for synchro-
nization are given in Figure 2. The first K28.5 shows the case where the comma is detected, but it is misaligned
so a change in the output data alignment is required. Note that up to three characters prior to the comma charac-
ter may be corrupted by the realignment process. The second K28.5 shows the case when a comma is detected
and no phase adjustment is necessary. Figure 2 illustrates the position of the SYNCx pulse in relation to the
comma character on Rx(0:9).
Figure 2: Misaligned and Aligned K28.5 Characters
Corrupt
Corrupt
Corrupt
K28.5
Data1
Data2
Data3
K28.5
Data
RCx0
RCx1
RCx0
RCx1
SYNCx
Rx(0:9)
(RCM HIGH)
(RCM LOW)
Misaligned Comma: Stretched
Aligned Comma



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com