Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7139 Datasheet(PDF) 10 Page - Vitesse Semiconductor Corporation

Part # VSC7139
Description  Quad Transceiver for Gigabit Ethernet and Fibre Channel
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7139 Datasheet(HTML) 10 Page - Vitesse Semiconductor Corporation

Back Button VSC7139 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC7139 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7139 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC7139 Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC7139 Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC7139 Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC7139 Datasheet HTML 12Page - Vitesse Semiconductor Corporation VSC7139 Datasheet HTML 13Page - Vitesse Semiconductor Corporation VSC7139 Datasheet HTML 14Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Preliminary Datasheet
VSC7139
Quad Transceiver for
Gigabit Ethernet and Fibre Channel
Page 10
G52196-0, Rev 3.3
5/14/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Absolute Maximum Ratings (1)
Power Supply Voltage (VDD) .............................................................................................................-0.5V to +4V
DC Input Voltage (PECL inputs)............................................................................................ -0.5V to VDD +0.5V
DC Input Voltage (TTL inputs) ......................................................................................................... -0.5V to 5.5V
DC Output Voltage (TTL outputs) ........................................................................................ -0.5V to VDD + 0.5V
Output Current (TTL outputs) .................................................................................................................. +/-50mA
Output Current (PECL outputs).................................................................................................................+/-50mA
Case Temperature Under Bias .........................................................................................................-55o to +125oC
Storage Temperature..................................................................................................................... -65oC to +150oC
NOTE: (1) CAUTION: Stresses listed under “Absolute Maximum Ratings” may be applied to devices one at a time without caus-
ing permanent damage. Functionality at or above the values listed is not implied. Exposure to these values for extended
periods may affect device reliability.
Recommended Operating Conditions
Power Supply Voltage (VDD) .................................................................................................................+3.3V+5%
Operating Temperature Range ........................................................... 0oC Ambient to +100oC Case Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com