Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC1021 Datasheet(PDF) 64 Page - Texas Instruments

Click here to check the latest version.
Part # CC1021
Description  Single Chip Low Power RF Transceiver for Narrowband Systems
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1021 Datasheet(HTML) 64 Page - Texas Instruments

Back Button CC1021 Datasheet HTML 60Page - Texas Instruments CC1021 Datasheet HTML 61Page - Texas Instruments CC1021 Datasheet HTML 62Page - Texas Instruments CC1021 Datasheet HTML 63Page - Texas Instruments CC1021 Datasheet HTML 64Page - Texas Instruments CC1021 Datasheet HTML 65Page - Texas Instruments CC1021 Datasheet HTML 66Page - Texas Instruments CC1021 Datasheet HTML 67Page - Texas Instruments CC1021 Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 92 page
background image
CC1021
SWRS045
Page 64 of 91
Precaution should be used when placing
the microcontroller in order to avoid noise
interfering with the RF circuitry.
The recommended CC1021 PCB layout is
the
same
as
for
the
CC1020. A
CC1020/1070DK Development Kit with a
fully assembled CC1020EMX Evaluation
Module is available. It is strongly advised
that this reference layout is followed very
closely in
order
to
get
the
best
performance. The layout Gerber files are
available from the Chipcon web site.
25.
Antenna Considerations
CC1021 can be used together with various
types of antennas. The most common
antennas for short-range communication
are monopole, helical and loop antennas.
Monopole
antennas
are
resonant
antennas with a length corresponding to
one quarter of the electrical wavelength
(λ/4). They are very easy to design and
can be implemented simply as a ìpiece of
wireî or even integrated onto the PCB.
Non-resonant monopole antennas shorter
than λ/4 can also be used, but at the
expense of range. In size and cost critical
applications such an antenna may very
well be integrated onto the PCB.
Helical antennas can be thought of as a
combination of a monopole and a loop
antenna. They are a good compromise in
size critical applications. But helical
antennas tend to be more difficult to
optimize than the simple monopole.
Loop antennas are easy to integrate into
the PCB, but are less effective due to
difficult impedance matching because of
their very low radiation resistance.
For low power applications the λ/4-
monopole antenna is recommended due
to its simplicity as well as providing the
best range.
The length of the λ/4-monopole antenna is
given by:
L = 7125 / f
where f is in MHz, giving the length in cm.
An antenna for 868 MHz should be 8.2
cm, and 16.4 cm for 433 MHz.
The antenna should be connected as
close as possible to the IC. If the antenna
is located away from the input pin the
antenna should be matched to the feeding
transmission line (50 Ω).
For a more thorough background on
antennas, please refer to Application Note
AN003 SRD Antennas available from the
Chipcon web site.
26.
Configuration Registers
The configuration of CC1021 is done by
programming
the
8-bit
configuration
registers. The configuration data based on
selected system parameters are most
easily found by using the SmartRFStudio
software. Complete descriptions of the
registers are given in the following tables.
After a RESET is programmed, all the
registers have default values. The TEST
registers also get default values after a
RESET, and should not be altered by the
user.
Chipcon recommends using the register
settings found using the SmartRFStudio
software. These are the register settings
that Chipcon can guarantee across
temperature, voltage and process. Please
check the Chipcon web site for regularly
updates to the SmartRFStudio software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com