Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC1021 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CC1021
Description  Single Chip Low Power RF Transceiver for Narrowband Systems
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1021 Datasheet(HTML) 1 Page - Texas Instruments

  CC1021 Datasheet HTML 1Page - Texas Instruments CC1021 Datasheet HTML 2Page - Texas Instruments CC1021 Datasheet HTML 3Page - Texas Instruments CC1021 Datasheet HTML 4Page - Texas Instruments CC1021 Datasheet HTML 5Page - Texas Instruments CC1021 Datasheet HTML 6Page - Texas Instruments CC1021 Datasheet HTML 7Page - Texas Instruments CC1021 Datasheet HTML 8Page - Texas Instruments CC1021 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 92 page
background image
CC1021
SWRS045
Page 1 of 91
CC1021 Single Chip Low Power RF Transceiver for Narrowband Systems
Applications
• Low
power
UHF
wireless
data
transmitters and receivers with channel
spacings of 50 kHz or higher
• 433, 868 and 915 MHz ISM/SRD band
systems
• AMR ñ Automatic Meter Reading
• Wireless alarm and security systems
• Home automation
• Low power telemetry
• Automotive (RKE/TPMS)
Product Description
CC1021 is a true single-chip UHF trans-
ceiver designed for very low power and
very low voltage wireless applications. The
circuit is mainly intended for the ISM
(Industrial, Scientific and Medical) and
SRD (Short Range Device) frequency
bands at 433, 868 and 915 MHz, but can
easily be programmed for multi-channel
operation at other frequencies in the 402 -
470 and 804 - 940 MHz range.
The CC1021 is especially suited for
narrowband
systems
with
channel
spacings of 50 kHz and higher complying
with EN 300 220 and FCC CFR47 part 15.
The CC1021 main operating parameters
can be programmed via a serial bus, thus
making CC1021 a very flexible and easy to
use transceiver.
In a typical system CC1021 will be used
together with a microcontroller and a few
external passive components.
CC1021 is based on Chipconís SmartRF-
02 technology in 0.35 µm CMOS.
Features
• True single chip UHF RF transceiver
• Frequency range 402 MHz - 470 MHz
and 804 MHz - 940 MHz
• High sensitivity (up to ñ112 dBm for
38.4 kHz and ñ106 dBm for 102.4 kHz
receiver channel filter bandwidths
respectively)
• Programmable output power
• Low current consumption (RX: 19.9
mA)
• Low supply voltage (2.3 V to 3.6 V)
• Very few external components required
• Small size (QFN 32 package)
• Pb-free package
• Digital RSSI and carrier sense indicator
• Data rate up to 153.6 kBaud
• OOK, FSK and GFSK data modulation
• Integrated bit synchronizer
• Image rejection mixer
• Programmable frequency
• Automatic frequency control (AFC)
• Suitable for frequency hopping systems
• Suited
for
systems
targeting
compliance with EN 300 220 and FCC
CFR47 part 15
• Development kit available
• Easy-to-use software for generating the
CC1021 configuration data
• Fully compatible with
CC1020 for
receiver channel filter bandwidths of
38.4 kHz and higher


Similar Part No. - CC1021

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1021 TI-CC1021 Datasheet
1Mb / 94P
Single Chip Low Power RF Transceiver for Narrowband Systems
CC1021 TI1-CC1021 Datasheet
2Mb / 91P
Single Chip Low Power RF Transceiver for Narrowband Systems
CC1021-RTB1 TI1-CC1021-RTB1 Datasheet
2Mb / 91P
Single Chip Low Power RF Transceiver for Narrowband Systems
CC1021-RTR1 TI1-CC1021-RTR1 Datasheet
2Mb / 91P
Single Chip Low Power RF Transceiver for Narrowband Systems
CC1021RSS TI1-CC1021RSS Datasheet
2Mb / 91P
Single Chip Low Power RF Transceiver for Narrowband Systems
More results

Similar Description - CC1021

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1020 TI-CC1020 Datasheet
970Kb / 91P
Single Chip Low Power RF Transceiver for Narrowband Systems
CC1020 TI-CC1020_12 Datasheet
1Mb / 96P
Low-Power RF Transceiver for Narrowband Systems
CC1021 TI-CC1021_12 Datasheet
1Mb / 94P
Single Chip Low Power RF Transceiver for Narrowband Systems
CC1070 TI-CC1070_12 Datasheet
1,008Kb / 57P
Single Chip Low Power RF Transmitter for Narrowband Systems
CC1020EMK-433 TI-CC1020EMK-433 Datasheet
1Mb / 92P
Low-Power RF Transceiver for Narrowband Systems
CC1021RSSR TI-CC1021RSSR Datasheet
1Mb / 94P
Single Chip Low Power RF Transceiver for Narrowband Systems
CC1020RSSR TI1-CC1020RSSR Datasheet
1Mb / 92P
Low-Power RF Transceiver for Narrowband Systems
CC1020 TI1-CC1020_16 Datasheet
1Mb / 95P
Low-Power RF Transceiver for Narrowband Systems
CC1021 TI1-CC1021_16 Datasheet
2Mb / 91P
Single Chip Low Power RF Transceiver for Narrowband Systems
CC1020 TI1-CC1020_17 Datasheet
1Mb / 95P
Low-Power RF Transceiver for Narrowband Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com