Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC1021 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # CC1021
Description  Single Chip Low Power RF Transceiver for Narrowband Systems
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1021 Datasheet(HTML) 12 Page - Texas Instruments

Back Button CC1021 Datasheet HTML 8Page - Texas Instruments CC1021 Datasheet HTML 9Page - Texas Instruments CC1021 Datasheet HTML 10Page - Texas Instruments CC1021 Datasheet HTML 11Page - Texas Instruments CC1021 Datasheet HTML 12Page - Texas Instruments CC1021 Datasheet HTML 13Page - Texas Instruments CC1021 Datasheet HTML 14Page - Texas Instruments CC1021 Datasheet HTML 15Page - Texas Instruments CC1021 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 92 page
background image
CC1021
SWRS045
Page 12 of 91
4.5.
Crystal Oscillator Section
Parameter
Min
Typ
Max
Unit
Condition / Note
Crystal Oscillator Frequency
4.9152
14.7456
19.6608
MHz
Recommended frequency is
14.7456 MHz. See section 19 on
page 58 for details.
Crystal operation
Parallel
C4 and C5 are loading
capacitors. See section 19 on
page 58 for details.
Crystal load capacitance
12
12
12
22
16
16
30
30
16
pF
pF
pF
4.9-6 MHz, 22 pF recommended
6-8 MHz, 16 pF recommended
8-19.6 MHz, 16 pF recommended
Crystal oscillator start-up time
1.55
1.0
0.90
0.95
0.60
0.63
ms
ms
ms
ms
ms
ms
4.9152 MHz, 12 pF load
7.3728 MHz, 12 pF load
9.8304 MHz, 12 pF load
14.7456 MHz, 16 pF load
17.2032 MHz, 12 pF load
19.6608 MHz, 12 pF load
External clock signal drive,
sine wave
300
mVpp
The external clock signal must be
connected to XOSC_Q1 using a
DC block (10 nF). Set
XOSC_BYPASS = 0 in the
INTERFACE register when using
an external clock signal with low
amplitude or a crystal.
External clock signal drive,
full-swing digital external clock
0 - VDD
V
The external clock signal must be
connected to XOSC_Q1. No DC
block shall be used. Set
XOSC_BYPASS = 1 in the
INTERFACE register when using
a full-swing digital external clock.
Table 7. Crystal oscillator parameters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com