Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTH212 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTH212
Description  High voltage ultrafast diode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH212 Datasheet(HTML) 1 Page - STMicroelectronics

  STTH212 Datasheet HTML 1Page - STMicroelectronics STTH212 Datasheet HTML 2Page - STMicroelectronics STTH212 Datasheet HTML 3Page - STMicroelectronics STTH212 Datasheet HTML 4Page - STMicroelectronics STTH212 Datasheet HTML 5Page - STMicroelectronics STTH212 Datasheet HTML 6Page - STMicroelectronics STTH212 Datasheet HTML 7Page - STMicroelectronics STTH212 Datasheet HTML 8Page - STMicroelectronics STTH212 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Rev 1
June 2005
1/9
9
STTH212
High voltage ultrafast diode
Main product characteristics
Features and benefits
Low forward voltage drop
High reliability
High surge current capability
Soft switching for reduced EMI disturbances
Planar technology
Description
The STTH212, which is using ST ultrafast high
voltage planar technology, is specially suited for
free-wheeling,
clamping,
snubbering,
demagnetization in power supplies and other
power switching applications.
Housed in axial, SMB, and SMC packages, this
diode will reduce the losses in high switching
freqency operations.
Order codes
IF(AV)
2 A
VRRM
1200 V
Tj
175°C
VF (typ)
1.0 V
trr (max)
75 ns
Part Number
Marking
STTH212
STTH212
STTH212RL
STTH212
STTH212U
U22
STTH212S
S12
K
A
SMB
STTH212U
SMC
STTH212S
DO-201AD
STTH212
www.st.com


Similar Part No. - STTH212

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH20002TV STMICROELECTRONICS-STTH20002TV Datasheet
104Kb / 5P
TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
13-Jul-2004
STTH20002TV1 STMICROELECTRONICS-STTH20002TV1 Datasheet
104Kb / 5P
TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
13-Jul-2004
logo
Inchange Semiconductor ...
STTH20003 ISC-STTH20003 Datasheet
553Kb / 3P
Ultrafast Recovery Diode
logo
STMicroelectronics
STTH20003 STMICROELECTRONICS-STTH20003 Datasheet
189Kb / 10P
300 V ultrafast high voltage rectifier
07-Jun-2018
STTH20003TV STMICROELECTRONICS-STTH20003TV Datasheet
132Kb / 7P
HIGH FREQUENCY SECONDARY RECTIFIER
05-Sep-2006
More results

Similar Description - STTH212

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH810 STMICROELECTRONICS-STTH810 Datasheet
193Kb / 11P
Ultrafast recovery - high voltage diode
02-Mar-2006
STTH3010 STMICROELECTRONICS-STTH3010 Datasheet
148Kb / 10P
Ultrafast recovery - high voltage diode
02-Mar-2006
STTH12010TV STMICROELECTRONICS-STTH12010TV Datasheet
143Kb / 8P
Ultrafast recovery - high voltage diode
02-Mar-2006
STTH6010 STMICROELECTRONICS-STTH6010 Datasheet
132Kb / 8P
Ultrafast recovery - high voltage diode
02-Mar-2006
STTH1210 STMICROELECTRONICS-STTH1210 Datasheet
194Kb / 11P
Ultrafast recovery - high voltage diode
02-Mar-2006
STTH6110TV STMICROELECTRONICS-STTH6110TV Datasheet
148Kb / 8P
Ultrafast recovery - high voltage diode
22-Feb-2006
STTH1210-Y STMICROELECTRONICS-STTH1210-Y Datasheet
106Kb / 8P
Automotive ultrafast recovery - high voltage diode
24-Oct-2012
logo
Inchange Semiconductor ...
STTA6006TV1 ISC-STTA6006TV1 Datasheet
241Kb / 2P
ULTRAFAST HIGH VOLTAGE DIODE
STTA9012TV2 ISC-STTA9012TV2 Datasheet
347Kb / 3P
Ultrafast High Voltage Diode
STTH6110TV2 ISC-STTH6110TV2 Datasheet
545Kb / 3P
Ultrafast recovery - high voltage diode
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com