Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTH212 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STTH212
Description  High voltage ultrafast diode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH212 Datasheet(HTML) 3 Page - STMicroelectronics

  STTH212 Datasheet HTML 1Page - STMicroelectronics STTH212 Datasheet HTML 2Page - STMicroelectronics STTH212 Datasheet HTML 3Page - STMicroelectronics STTH212 Datasheet HTML 4Page - STMicroelectronics STTH212 Datasheet HTML 5Page - STMicroelectronics STTH212 Datasheet HTML 6Page - STMicroelectronics STTH212 Datasheet HTML 7Page - STMicroelectronics STTH212 Datasheet HTML 8Page - STMicroelectronics STTH212 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
STTH212
1 Electrical characteristics
3/9
Table 4.
Dynamic Electrical Characteristics
Symbol
Parameter
Test conditions
Min.
Typ
Max.
Unit
trr
Reverse recovery
time
Tj = 25°C
IF = 1A dIF/dt = -100 A/µs VR =30V
75
ns
tfr
Forward recovery
time
Tj = 25°C
IF = 2A
dIF/dt = 50 A/µs
VFR = 1.1 x VFmax
500
ns
VFP
Forward recovery
voltage
30
V
Figure 1.
Conduction losses versus average
forward current
Figure 2.
Forward voltage drop versus
forward current
Figure 3.
Relative variation of thermal
impedance junction to ambient
versus pulse duration (Epoxy
printed circuit board FR4,
LLeads = 10mm)
Figure 4.
Relative variation of thermal
impedance junction to ambient
versus pulse duration (Epoxy
printed circuit board FR4,
SCU =1cm
2)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
T
δ=tp/T
tp
I
(A)
F(AV)
P(W)
δ = 0.05
δ = 0.1 δ = 0.2
δ = 1
δ = 0.5
0
5
10
15
20
25
30
35
40
45
50
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
I
(A)
FM
V
(V)
FM
T =125°C
(typical values)
j
T =25°C
(maximum values)
j
T =125°C
(maximum values)
j
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
DO-201AD
Lleads=10mm
Zth(j-a)/Rth(j-a)
tp(s)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
SMB
SCu=1cm²
Zth(j-a)/Rth(j-a)
tp(s)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com