Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTH212 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STTH212
Description  High voltage ultrafast diode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH212 Datasheet(HTML) 2 Page - STMicroelectronics

  STTH212 Datasheet HTML 1Page - STMicroelectronics STTH212 Datasheet HTML 2Page - STMicroelectronics STTH212 Datasheet HTML 3Page - STMicroelectronics STTH212 Datasheet HTML 4Page - STMicroelectronics STTH212 Datasheet HTML 5Page - STMicroelectronics STTH212 Datasheet HTML 6Page - STMicroelectronics STTH212 Datasheet HTML 7Page - STMicroelectronics STTH212 Datasheet HTML 8Page - STMicroelectronics STTH212 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
1 Electrical characteristics
STTH212
2/9
1
Electrical characteristics
To evaluate the conduction losses use the following equation: P = 1.26 x IF(AV) + 0.12 IF2(RMS)
Table 1.
Absolute Ratings (limiting values)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
1200
V
V(RMS)
RMS voltage
850
V
IF(AV)
Average forward current
δ = 0.5
DO-201AD
Tl = 105°C
2A
SMB
Tl = 90°C
SMC
Tl = 105°C
IF(RMS)
RMS forward current
DO-201AD, SMB, SMC
10
A
IFSM
Forward surge current tp = 8.3ms
DO-201AD, SMB, SMC
40
A
Tstg
Storage temperature range
-50 to + 175
°C
Tj
Maximum operating junction temperature
175
°C
Table 2.
Thermal parameters
Symbol
Parameter
Value
Unit
Rth(j-l)
Junction to lead
L = 10 mm
DO-201AD
20
°C/W
SMB
25
SMC
20
Rth(j-a)
Junction to ambient
L = 10 mm
DO-201AD
75
°C/W
Table 3.
Static Electrical Characteristics
Symbol
Parameter
Test conditions
Min.
Typ
Max.
Unit
IR
Reverse leakage current
Tj = 25°C
VR = VRRM
10
µA
Tj = 125°C
100
VF
Forward voltage drop
Tj = 25°C
IF = 2A
1.75
V
Tj = 125°C
1.07
1.50
Tj = 150°C
1.0
-



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com