Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP6973GS Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP6973GS
Description  CCM/DCM Flyback Ideal Diode with Integrated 100V/14mΩ MOSFET with Slew Rate Detection
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6973GS Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP6973GS Datasheet HTML 1Page - Monolithic Power Systems MP6973GS Datasheet HTML 2Page - Monolithic Power Systems MP6973GS Datasheet HTML 3Page - Monolithic Power Systems MP6973GS Datasheet HTML 4Page - Monolithic Power Systems MP6973GS Datasheet HTML 5Page - Monolithic Power Systems MP6973GS Datasheet HTML 6Page - Monolithic Power Systems MP6973GS Datasheet HTML 7Page - Monolithic Power Systems MP6973GS Datasheet HTML 8Page - Monolithic Power Systems MP6973GS Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
MP6973
CCM/DCM Flyback Ideal Diode
with Integrated 100V/14
mΩ MOSFET
with Slew Rate Detection
MP6973 Rev. 1.0
www.MonolithicPower.com
1
6/17/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
DESCRIPTION
The MP6973 is a fast turn-off, intelligent rectifier
for
flyback
converters
that
integrates
a
100V
/14mΩ MOSFET. It can replace a diode
rectifier for higher efficiency and power density.
The chip regulates the forward voltage drop of
the internal power switch to VFWD (40mV) and
turns
off
before
the
drain-source
voltage
reverses.
The
MP6973
is
optimized
for
low-side
rectification.
The
internal
ringing
detection
circuitry prevents the MP6973 from falsely
turning on during discontinuous conduction
mode (DCM) or quasi-resonant operations.
The MP6973 is available in an SOIC-8 package.
FEATURES
 Integrated 100V/14mΩ MOSFET
 Optimized Efficiency for Low-Side
Rectification
 Ringing Detection Prevents False Turn-On
during DCM Operations
 Compatible with Energy Star
 110µA Quiescent Current
 Supports DCM, CCM, and Quasi-Resonant
Operations
 Wide Output Range Down to 0V
 Available in an SOIC-8 Package
APPLICATIONS
 Laptop Adapters
 QC and USB PD Chargers
 High-Efficiency Flyback Converters
All MPS parts are lead-free, halogen free, and adhere to the RoHS directive. For
MPS green status, please visit the MPS website under Quality Assurance.
“MPS”,
the MPS logo,
and “Simple, Easy Solutions” are registered trademarks of
Monolithic Power Systems, Inc. or its subsidiaries.
TYPICAL APPLICATION
MP6973
SENSE
VS
VDD
VD
HVC
VOUT+
VOUT-


Similar Part No. - MP6973GS

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP6900 MPS-MP6900 Datasheet
281Kb / 12P
Fast Turn-off Intelligent Controller
MP6900DJ MPS-MP6900DJ Datasheet
281Kb / 12P
Fast Turn-off Intelligent Controller
MP6900DQ MPS-MP6900DQ Datasheet
281Kb / 12P
Fast Turn-off Intelligent Controller
MP6900DS MPS-MP6900DS Datasheet
281Kb / 12P
Fast Turn-off Intelligent Controller
logo
Toshiba Semiconductor
MP6901 TOSHIBA-MP6901 Datasheet
170Kb / 7P
High Power Switching Applications. Hammer Drive, Pulse Motor Drive and Inductive Load Switching
More results

Similar Description - MP6973GS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1751LT_1301 NXP-TEA1751LT_1301 Datasheet
277Kb / 31P
HV start-up DCM/QR flyback controller with integrated DCM/QR PFC controller
Rev. 3-9 January 2013
TEA1755T PHILIPS-TEA1755T Datasheet
949Kb / 35P
HV start-up DCM/QR flyback controller with integrated DCM/QR PFC controller
Rev. 1-25 October 2012
TEA1755LT PHILIPS-TEA1755LT Datasheet
341Kb / 35P
HV start-up DCM/QR flyback controller with integrated DCM/QR PFC controller
Rev. 1.1-13 March 2015
TEA1753T PHILIPS-TEA1753T Datasheet
346Kb / 32P
HV start-up DCM/QR flyback controller with integrated DCM/QR PFC controller
Rev. 3-24 August 2012
TEA1753LT PHILIPS-TEA1753LT Datasheet
349Kb / 32P
HV start-up DCM/QR flyback controller with integrated DCM/QR PFC controller
Rev. 3-24 August 2012
logo
Fairchild Semiconductor
FAN501A FAIRCHILD-FAN501A Datasheet
1Mb / 16P
Offline DCM / CCM Flyback PWM Controller for Charger Applications
logo
Linear Technology
LT4276 LINER-LT4276 Datasheet
785Kb / 10P
PoE PD with Synchronous Flyback and Ideal Diode Bridge
logo
NXP Semiconductors
TEA1751T NXP-TEA1751T_V01 Datasheet
273Kb / 31P
HV start-up DCM/QR flyback controller with integrated DCM/QR PFC controller
Rev. 3-10 January 2013
TEA1752LT NXP-TEA1752LT Datasheet
297Kb / 33P
HV start-up DCM/QR flyback controller with integrated DCM/QR PFC controller
Rev. 2-15 November 2012
TEA1755T NXP-TEA1755T_V01 Datasheet
331Kb / 35P
HV start-up DCM/QR flyback controller with integrated DCM/QR PFC controller
Rev. 1.1-13 March 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com