Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP6973GS Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP6973GS
Description  CCM/DCM Flyback Ideal Diode with Integrated 100V/14mΩ MOSFET with Slew Rate Detection
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6973GS Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP6973GS Datasheet HTML 7Page - Monolithic Power Systems MP6973GS Datasheet HTML 8Page - Monolithic Power Systems MP6973GS Datasheet HTML 9Page - Monolithic Power Systems MP6973GS Datasheet HTML 10Page - Monolithic Power Systems MP6973GS Datasheet HTML 11Page - Monolithic Power Systems MP6973GS Datasheet HTML 12Page - Monolithic Power Systems MP6973GS Datasheet HTML 13Page - Monolithic Power Systems MP6973GS Datasheet HTML 14Page - Monolithic Power Systems MP6973GS Datasheet HTML 15Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
MP6973
– FAST TURN-OFF INTELLIGENT RECTIFIER
MP6973 Rev. 1.0
www.MonolithicPower.com
12
6/17/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
 
JA
LOSS
JA
TP
(4)
 
JC
LOSS
JC
TP
(5)
The thermal resistance can be reduced by laying
a thicker copper layer, placing more thermal
dissipation vias, and adopting a heatsink. The
real maximum output current can be set by
combining the real tested data.
Design Example
Figure 4 shows a layout example for a low-side
application of a flyback power supply, specifically
a single layer with a through-hole transformer.
RSN and CSN are the RC snubber network for
the internal MOSFET. The sensing loop (SENSE
to the MOSFET drain) is optimized and kept
separate from the power loop. The VDD
decoupling capacitor (C2) is placed beside VDD.
Figure 4: Layout Example in Flyback Low-Side
Application
PCB Layout Guidelines
Efficient
PCB
layout
is
critical
for
stable
operation. For best results, refer to Figure 4 and
Figure 5, and follow the guidelines below:
Sensing for VD/SENSE
1. Connect the SENSE pin to a different
position for an adjustable turn-off time during
the fast transients in CCM. The further the
junction point is from the VD, the earlier the
SR turns off (see Figure 5).
2. Keep the IC out of the power loop to prevent
the sensing loop and power loop from
interrupting each other.
SENSE
VS
VDD
VD
Sense Position
Decoupling
Capacitor
Figure 5: Voltage Sensing for VD/SENSE
3. Place a decoupling ceramic capacitor from VDD to VS, close
to the IC, for adequate filtering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com