Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP6973GS Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP6973GS
Description  CCM/DCM Flyback Ideal Diode with Integrated 100V/14mΩ MOSFET with Slew Rate Detection
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6973GS Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP6973GS Datasheet HTML 7Page - Monolithic Power Systems MP6973GS Datasheet HTML 8Page - Monolithic Power Systems MP6973GS Datasheet HTML 9Page - Monolithic Power Systems MP6973GS Datasheet HTML 10Page - Monolithic Power Systems MP6973GS Datasheet HTML 11Page - Monolithic Power Systems MP6973GS Datasheet HTML 12Page - Monolithic Power Systems MP6973GS Datasheet HTML 13Page - Monolithic Power Systems MP6973GS Datasheet HTML 14Page - Monolithic Power Systems MP6973GS Datasheet HTML 15Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
MP6973
– FAST TURN-OFF INTELLIGENT RECTIFIER
MP6973 Rev. 1.0
www.MonolithicPower.com
11
6/17/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
APPLICATION INFORMATION
Slew Rate Detection
During
DCM
operation,
the
demagnetizing
ringing may bring VDS below 0V. If VDS reaches
the turn-on threshold during the ringing period,
SR controllers without slew rate detection may
turn on the MOSFET by mistake. This not only
increases power loss, but may also lead to
shoot-through if the primary-side MOSFET is
turned on within the minimum on time of the SR
controller.
The falling slew rate of the ringing is always
much less than when the primary MOSFET is
turned off; this false turn-on situation can be
prevented by the slew rate detection function.
When the slew rate is less than the threshold, the
IC does not turn on the gate even when VDS
reaches the turn-on threshold. For more details,
see the Turn-On Phase section on page 10.
External Resistor on SENSE and HVC
Over-voltage conditions may lead to the device
malfunctioning or even being damaged, so the
application design must be careful to guarantee
safe operation, especially on the high-voltage
pin.
One common over-voltage condition occurs
when the body diode of the SR MOSFET is
turned on, as the forward voltage drop may
exceed the negative rating on the SENSE pin. In
this case, it is recommended to place an external
resistor between SENSE and the MOSFET
drain. The resistance is typically recommended
to be between 100
Ω and 300Ω.
On the other hand, this resistor also cannot be
too large, because it may slow down the slew
rate on VDS detection. In general, it is not
recommended to use a resistor greater than
300
Ω, but this should be checked for each case
based on the condition of the slew rate.
In the applications where HVC may also suffer
from negative voltage bias (e.g. in the high side
setup without auxiliary winding), there should be
also the same resistance be placed on HVC
externally.
Typical System Implementations
Figure
3
shows
the
typical
system
IC
implementation in low-side rectification. The
MP6973 is directly supplied by the output.
MP6973
SENSE
VS
VDD
VD
HVC
VOUT+
VOUT-
Figure 3: Low-Side Rectification
Maximum Output Current
The allowed temperature rise of the MP6973
limits the maximum output current the device can
handle. The temperature rise is determined by its
own power loss. Generally, the MP6973
’s
recommended
rated
output
current
for
a
universal input adapter is 3A. For certain designs,
the power loss of the MP6973 can be calculated,
so the maximum output current can be deduced.
The MP6973
’s power loss can be separated into
several parts, including controller consumption
and integrated MOSFET conduction loss. If the
MP6973 works in continuous conduction mode
(CCM), reverse-recovery loss of the integrated
MOSFET must also be considered. Each part of
the loss can be calculated based on Equation (1),
Equation (2), and Equation (3), respectively:

LOSS_CONTROLLER
HVC
DD
P
V
I
(1)
S_ON
t
LOSS _ SR _ CONDUCTION
SW
SR _ SD
SR _ SD
0
P
f
V
(t) I
(t)dt
(2)
 
LOSS _ SR _ RR
DS
RR
RR
SW
1
P
V
I
t
f
2
(3)
Where IDD is the current of the MP6973, VHVC is
the voltage on HVC pin, tS_ON is the SR on period,
VSR_SD is the voltage drop from the SR, ISR_SD is
the current flowing through the SR, IRR is the
peak reverse current, and tRR is the reverse-
recovery time.
The total loss of the MP6973 (PLOSS) is the sum
of the above losses. If an RC snubber is used,
the power loss caused by this snubber must also
be taken into consideration.
The junction and case temperature rises can be
calculated with the junction-to-ambient thermal
resistance (
θJA) and junction-to-case thermal
resistance (
θJC). The junction temperature must
be within ABS (typically 150°C). Calculate
∆TJA
and
∆TJC with Equation (4) and Equation (5):



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com