Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP8861GL Datasheet(PDF) 23 Page - Monolithic Power Systems

Part # MP8861GL
Description  2.85V - 18V, 6A, High-Efficiency, Wide-Input,Synchronous, Step-Down Converter with Integrated Telemetry via I2C Interface
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8861GL Datasheet(HTML) 23 Page - Monolithic Power Systems

Back Button MP8861GL Datasheet HTML 19Page - Monolithic Power Systems MP8861GL Datasheet HTML 20Page - Monolithic Power Systems MP8861GL Datasheet HTML 21Page - Monolithic Power Systems MP8861GL Datasheet HTML 22Page - Monolithic Power Systems MP8861GL Datasheet HTML 23Page - Monolithic Power Systems MP8861GL Datasheet HTML 24Page - Monolithic Power Systems MP8861GL Datasheet HTML 25Page - Monolithic Power Systems MP8861GL Datasheet HTML 26Page - Monolithic Power Systems MP8861GL Datasheet HTML 27Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
MP8861 – 2.85V - 18V, 6A, SYNCHRONOUS, STEP-DOWN CONVERTER
MP8861 Rev. 1.1
www.MonolithicPower.com
23
5/28/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
Table 3: Output Reference Voltage Selection Chart
D[6:0]
VOUT (V)
D[6:0]
VOUT (V)
D[6:0]
VOUT (V)
D[6:0]
VOUT (V)
000 0000
0.6
010 0000
0.728
100 0000
0.856
110 0000
0.984
000 0001
0.604
010 0001
0.732
100 0001
0.86
110 0001
0.988
000 0010
0.608
010 0010
0.736
100 0010
0.864
110 0010
0.992
000 0011
0.612
010 0011
0.74
100 0011
0.868
110 0011
0.996
000 0100
0.616
010 0100
0.744
100 0100
0.872
110 0100
1
000 0101
0.62
010 0101
0.748
100 0101
0.876
110 0101
1.004
000 0110
0.624
010 0110
0.752
100 0110
0.88
110 0110
1.008
000 0111
0.628
010 0111
0.756
100 0111
0.884
110 0111
1.012
000 1000
0.632
010 1000
0.76
100 1000
0.888
110 1000
1.016
000 1001
0.636
010 1001
0.764
100 1001
0.892
110 1001
1.02
000 1010
0.64
010 1010
0.768
100 1010
0.896
110 1010
1.024
000 1011
0.644
010 1011
0.772
100 1011
0.9
110 1011
1.028
000 1100
0.648
010 1100
0.776
100 1100
0.904
110 1100
1.032
000 1101
0.652
010 1101
0.78
100 1101
0.908
110 1101
1.036
000 1110
0.656
010 1110
0.784
100 1110
0.912
110 1110
1.04
000 1111
0.66
010 1111
0.788
100 1111
0.916
110 1111
1.044
001 0000
0.664
011 0000
0.792
101 0000
0.92
111 0000
1.048
001 0001
0.668
011 0001
0.796
101 0001
0.924
111 0001
1.052
001 0010
0.672
011 0010
0.8
101 0010
0.928
111 0010
1.056
001 0011
0.676
011 0011
0.804
101 0011
0.932
111 0011
1.06
001 0100
0.68
011 0100
0.808
101 0100
0.936
111 0100
1.064
001 0101
0.684
011 0101
0.812
101 0101
0.94
111 0101
1.068
001 0110
0.688
011 0110
0.816
101 0110
0.944
111 0110
1.072
001 0111
0.692
011 0111
0.82
101 0111
0.948
111 0111
1.076
001 1000
0.696
011 1000
0.824
101 1000
0.952
111 1000
1.08
001 1001
0.7
011 1001
0.828
101 1001
0.956
111 1001
1.084
001 1010
0.704
011 1010
0.832
101 1010
0.96
111 1010
1.088
001 1011
0.708
011 1011
0.836
101 1011
0.964
111 1011
1.092
001 1100
0.712
011 1100
0.84
101 1100
0.968
111 1100
1.096
001 1101
0.716
011 1101
0.844
101 1101
0.972
111 1101
1.1
001 1110
0.72
011 1110
0.848
101 1110
0.976
111 1110
1.104
001 1111
0.724
011 1111
0.852
101 1111
0.98
111 1111
1.108
2) Reg01 SysCntlreg1
Register 01 is the first system control register.
The highest bit, EN, can be used to turn the
part on or off when the external EN is high.
When the external EN is high, after part shuts
down by setting the EN bit to 0, and then the
HS-FET and LS-FET stop switching. The part
resumes switching by setting the EN bit to 1
again. When the external EN is low, the
converter is off, and the I2C shuts down.
Set GO_BIT to 1 to enable the I2C authority of
writing
the
output
reference.
When
the
command is finished, GO_BIT auto-resets to 0
to prevent false operation of the VOUT scaling.
The IC switches to forced PWM mode when
GO_BIT is set to 1 to achieve a smooth output
waveform during the output dynamic scaling.
After the output scaling is complete, GO_BIT is
set to 0 automatically, and the IC operation
mode switches to the original mode set by the
Mode bit.
The 3-bit Slew Rate D[5:3] is used for slew rate
selection during the output voltage dynamic
scaling. A proper slew rate reduces the inrush
current,
voltage
overshoot,
and
voltage
undershoot. Eight different slew rate levels can
be selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com