Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP8861GL Datasheet(PDF) 27 Page - Monolithic Power Systems

Part # MP8861GL
Description  2.85V - 18V, 6A, High-Efficiency, Wide-Input,Synchronous, Step-Down Converter with Integrated Telemetry via I2C Interface
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8861GL Datasheet(HTML) 27 Page - Monolithic Power Systems

Back Button MP8861GL Datasheet HTML 23Page - Monolithic Power Systems MP8861GL Datasheet HTML 24Page - Monolithic Power Systems MP8861GL Datasheet HTML 25Page - Monolithic Power Systems MP8861GL Datasheet HTML 26Page - Monolithic Power Systems MP8861GL Datasheet HTML 27Page - Monolithic Power Systems MP8861GL Datasheet HTML 28Page - Monolithic Power Systems MP8861GL Datasheet HTML 29Page - Monolithic Power Systems MP8861GL Datasheet HTML 30Page - Monolithic Power Systems MP8861GL Datasheet HTML 31Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
MP8861 – 2.85V - 18V, 6A, SYNCHRONOUS, STEP-DOWN CONVERTER
MP8861 Rev. 1.1
www.MonolithicPower.com
27
5/28/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
5) Reg04 Output Voltage
R
egister 04 is an output voltage-indicating
register. After the part starts up, the output
voltage
can
be
read
through
the
I2C
communication. In light load, if the mode bit is
set to 0, the MP8861 works in PFM mode. At
extremely light-load or no-load condition, the
ADC only works when the first pulse comes,
and then the MP8861 refreshes the output
voltage register before entering sleep mode.
At this moment, the sensed output voltage is at
its maximum value, not the average output
voltage. Therefore, the I2C read-back voltage is
slightly higher than the set point. When applying
some load to the part, a higher sense accuracy
can be achieved. The Mode bit can be set to 1
(PWM
mode)
for good
voltage
sensing
accuracy at light load. Table 5 shows the output
voltage chart from 0.5V to 5.643V.
NAME
BITS
DEFAULT
DESCRIPTION
Output
voltage
D[7:0]
0000 0000 Output voltage monitor bits. Table 5 shows the output voltage monitor chart.
Table 5: Output Voltage Chart
D[7:0]
VOUT
(V)
D[7:0]
VOUT
(V)
D[7:0]
VOUT
(V)
D[7:0]
VOUT
(V)
D[7:0]
VOUT
(V)
D[7:0]
VOUT
(V)
0000 0000
0.500
0010 1011
1.367
0101 0110
2.235
1000 0001
3.102
1010 1100
3.969
1101 0111
4.837
0000 0001
0.520
0010 1100
1.387
0101 0111
2.255
1000 0010
3.122
1010 1101
3.989
1101 1000
4.857
0000 0010
0.540
0010 1101
1.408
0101 1000
2.275
1000 0011
3.142
1010 1110
4.010
1101 1001
4.877
0000 0011
0.561
0010 1110
1.428
0101 1001
2.295
1000 0100
3.162
1010 1111
4.030
1101 1010
4.897
0000 0100
0.581
0010 1111
1.448
0101 1010
2.315
1000 0101
3.183
1011 0000
4.050
1101 1011
4.917
0000 0101
0.601
0011 0000
1.468
0101 1011
2.335
1000 0110
3.203
1011 0001
4.070
1101 1100
4.937
0000 0110
0.621
0011 0001
1.488
0101 1100
2.356
1000 0111
3.223
1011 0010
4.090
1101 1101
4.958
0000 0111
0.641
0011 0010
1.509
0101 1101
2.376
1000 1000
3.243
1011 0011
4.110
1101 1110
4.978
0000 1000
0.661
0011 0011
1.529
0101 1110
2.396
1000 1001
3.263
1011 0100
4.131
1101 1111
4.998
0000 1001
0.682
0011 0100
1.549
0101 1111
2.416
1000 1010
3.283
1011 0101
4.151
1110 0000
5.018
0000 1010
0.702
0011 0101
1.569
0110 0000
2.436
1000 1011
3.304
1011 0110
4.171
1110 0001
5.038
0000 1011
0.722
0011 0110
1.589
0110 0001
2.456
1000 1100
3.324
1011 0111
4.191
1110 0010
5.058
0000 1100
0.742
0011 0111
1.609
0110 0010
2.477
1000 1101
3.344
1011 1000
4.211
1110 0011
5.079
0000 1101
0.762
0011 1000
1.630
0110 0011
2.497
1000 1110
3.364
1011 1001
4.231
1110 0100
5.099
0000 1110
0.782
0011 1001
1.650
0110 0100
2.517
1000 1111
3.384
1011 1010
4.252
1110 0101
5.119
0000 1111
0.803
0011 1010
1.670
0110 0101
2.537
1001 0000
3.404
1011 1011
4.272
1110 0110
5.139
0001 0000
0.823
0011 1011
1.690
0110 0110
2.557
1001 0001
3.425
1011 1100
4.292
1110 0111
5.159
0001 0001
0.843
0011 1100
1.710
0110 0111
2.578
1001 0010
3.445
1011 1101
4.312
1110 1000
5.179
0001 0010
0.863
0011 1101
1.730
0110 1000
2.598
1001 0011
3.465
1011 1110
4.332
1110 1001
5.200
0001 0011
0.883
0011 1110
1.751
0110 1001
2.618
1001 0100
3.485
1011 1111
4.352
1110 1010
5.220
0001 0100
0.903
0011 1111
1.771
0110 1010
2.638
1001 0101
3.505
1100 0000
4.373
1110 1011
5.240
0001 0101
0.924
0100 0000
1.791
0110 1011
2.658
1001 0110
3.526
1100 0001
4.393
1110 1100
5.260
0001 0110
0.944
0100 0001
1.811
0110 1100
2.678
1001 0111
3.546
1100 0010
4.413
1110 1101
5.280
0001 0111
0.964
0100 0010
1.831
0110 1101
2.699
1001 1000
3.566
1100 0011
4.433
1110 1110
5.300
0001 1000
0.984
0100 0011
1.851
0110 1110
2.719
1001 1001
3.586
1100 0100
4.453
1110 1111
5.321
0001 1001
1.004
0100 0100
1.872
0110 1111
2.739
1001 1010
3.606
1100 0101
4.473
1111 0000
5.341
0001 1010
1.024
0100 0101
1.892
0111 0000
2.759
1001 1011
3.626
1100 0110
4.494
1111 0001
5.361
0001 1011
1.045
0100 0110
1.912
0111 0001
2.779
1001 1100
3.647
1100 0111
4.514
1111 0010
5.381
0001 1100
1.065
0100 0111
1.932
0111 0010
2.799
1001 1101
3.667
1100 1000
4.534
1111 0011
5.401
0001 1101
1.085
0100 1000
1.952
0111 0011
2.820
1001 1110
3.687
1100 1001
4.554
1111 0100
5.421
0001 1110
1.105
0100 1001
1.972
0111 0100
2.840
1001 1111
3.707
1100 1010
4.574
1111 0101
5.442
0001 1111
1.125
0100 1010
1.993
0111 0101
2.860
1010 0000
3.727
1100 1011
4.595
1111 0110
5.462
0010 0000
1.145
0100 1011
2.013
0111 0110
2.880
1010 0001
3.747
1100 1100
4.615
1111 0111
5.482
0010 0001
1.166
0100 1100
2.033
0111 0111
2.900
1010 0010
3.768
1100 1101
4.635
1111 1000
5.502
0010 0010
1.186
0100 1101
2.053
0111 1000
2.920
1010 0011
3.788
1100 1110
4.655
1111 1001
5.522
0010 0011
1.206
0100 1110
2.073
0111 1001
2.941
1010 0100
3.808
1100 1111
4.675
1111 1010
5.543
0010 0100
1.226
0100 1111
2.093
0111 1010
2.961
1010 0101
3.828
1101 0000
4.695
1111 1011
5.563
0010 0101
1.246
0101 0000
2.114
0111 1011
2.981
1010 0110
3.848
1101 0001
4.716
1111 1100
5.583
0010 0110
1.266
0101 0001
2.134
0111 1100
3.001
1010 0111
3.868
1101 0010
4.736
1111 1101
5.603
0010 0111
1.287
0101 0010
2.154
0111 1101
3.021
1010 1000
3.889
1101 0011
4.756
1111 1110
5.623
0010 1000
1.307
0101 0011
2.174
0111 1110
3.041
1010 1001
3.909
1101 0100
4.776
1111 1111
5.643
0010 1001
1.327
0101 0100
2.194
0111 1111
3.062
1010 1010
3.929
1101 0101
4.796
0010 1010
1.347
0101 0101
2.214
1000 0000
3.082
1010 1011
3.949
1101 0110
4.816



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com