Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP8861GL Datasheet(PDF) 29 Page - Monolithic Power Systems

Part # MP8861GL
Description  2.85V - 18V, 6A, High-Efficiency, Wide-Input,Synchronous, Step-Down Converter with Integrated Telemetry via I2C Interface
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8861GL Datasheet(HTML) 29 Page - Monolithic Power Systems

Back Button MP8861GL Datasheet HTML 25Page - Monolithic Power Systems MP8861GL Datasheet HTML 26Page - Monolithic Power Systems MP8861GL Datasheet HTML 27Page - Monolithic Power Systems MP8861GL Datasheet HTML 28Page - Monolithic Power Systems MP8861GL Datasheet HTML 29Page - Monolithic Power Systems MP8861GL Datasheet HTML 30Page - Monolithic Power Systems MP8861GL Datasheet HTML 31Page - Monolithic Power Systems MP8861GL Datasheet HTML 32Page - Monolithic Power Systems MP8861GL Datasheet HTML 33Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 37 page
background image
MP8861 – 2.85V - 18V, 6A, SYNCHRONOUS, STEP-DOWN CONVERTER
MP8861 Rev. 1.1
www.MonolithicPower.com
29
5/28/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
APPLICATION INFORMATION
Setting the Output Voltage in a FB Control
Loop
The MP8861 can be controlled by the FB loop.
The output voltage can be set by the external
resistor dividers. The FB loop reference voltage
is a default value (0.72V) and can be
programmed by the I2C.
The FB loop network is shown in Figure 11.
Figure 11: FB Loop Network
Choose R1 and R2 with Equation (4):
OUT
R1
R2
V
1
0.72V
(4)
Table 6 lists the recommended feedback
resistor values for common output voltages.
Table 6: Resistor Selection for Common Output
Voltages (8)
VOUT (V)
R1 (kΩ)
R2 (kΩ)
Rt (kΩ)
L (μH)
1.0
80.6
205
10
1.5
1.2
80.6
121
10
1.5
1.5
80.6
74.4
10
1.5
1.8
80.6
53.6
10
1.5
2.5
80.6
32.4
10
2.2
3.3
80.6
22.6
10
2.2
5
80.6
13.7
10
3.3
NOTE:
6)
The recommended parameters are based on a 12V input
voltage and 22µFx4 output capacitor. Different input voltage
and output capacitor values may affect the selection of R1
and R2. For other components’ parameters, please refer to
the Typical Application Circuits on page 33-35.
Output Voltage Dynamic Scale
The output voltage dynamic scaling can be
done only via the I2C. Refer to Figure 12 and
follow the steps below.
1) Write GO_BIT (reg01[6]) to 1.
2) Write reg00 to set the reference voltage by
Output
Reference
(reg00
[6:0])
simultaneously. When the command is
finished, GO_BIT auto-resets to 0 to prevent
false operation of the VOUT scaling.
Repeat the above two steps if the output
voltage needs to be changed to a different
voltage.
Figure 12: Output Voltage Dynamic Scale Flow
Chart
Selecting the Inductor
Use a 0.47µH to 5µH inductor with a DC current
rating at least 25% higher than the maximum
load current for most applications. For the
highest efficiency, use an inductor with a DC
resistance less than 5mΩ. For most designs,
the inductance value can be derived from
Equation (5):
OUT
IN
OUT
1
IN
L
OSC
V(V
V
)
L
VI
f

 
(5)
Where ∆IL is the inductor ripple current.
Choose the inductor ripple current to be
approximately 30% of the maximum load
current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com