Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPQ8626 Datasheet(PDF) 19 Page - Monolithic Power Systems

Part # MPQ8626
Description  16V, 6A, High Efficiency, Synchronous,Step-Down Converter with Adjustable Current Limit
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ8626 Datasheet(HTML) 19 Page - Monolithic Power Systems

Back Button MPQ8626 Datasheet HTML 15Page - Monolithic Power Systems MPQ8626 Datasheet HTML 16Page - Monolithic Power Systems MPQ8626 Datasheet HTML 17Page - Monolithic Power Systems MPQ8626 Datasheet HTML 18Page - Monolithic Power Systems MPQ8626 Datasheet HTML 19Page - Monolithic Power Systems MPQ8626 Datasheet HTML 20Page - Monolithic Power Systems MPQ8626 Datasheet HTML 21Page - Monolithic Power Systems MPQ8626 Datasheet HTML 22Page - Monolithic Power Systems MPQ8626 Datasheet HTML 23Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
MPQ8626 – 16V, 6A, HIGH EFFICIENCY SYNC, STEP-DOWN CONVERTER W/ ADJUSTABLE CURRENT LIMIT
MPQ8626 Rev. 1.1
www.MonolithicPower.com
19
8/16/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
PCB Layout Guidelines
Efficient
PCB
layout
is
critical
for
stable
operation. For the best performance, refer to
Figure 6 and follow the guidelines below.
1. Place the input MLCC capacitors as close
to VIN and PGND as possible.
2. Place the major MLCC capacitors on the
same layer as the MPQ8626.
3. Maximize the VIN and PGND copper plane
to minimize parasitic impedance.
4. Place as many PGND vias as possible as
close to PGND as possible to minimize both
parasitic impedance and thermal resistance.
5. Place the VCC decoupling capacitor close
to the device.
6. Connect AGND and PGND at the point of
the VCC capacitor's ground connection.
7. Place the BST capacitor as close to BST
and SW as possible.
8. Use traces with a width of 20mil or wider to
route the path.
9. Use a 0.1µF to 1µF bootstrap capacitor.
10. Place the REF capacitor close to TRK/REF
to AGND.
SW
VOUT
VIN
PGND
SW
MODE
BST
SW
VIN
PGND
CS
EN
TRK/REF
PGOOD
R1
R2
1
2
3
4
5
12
11
10
9
8
6
7
14
13
CFF
1
2
3
4
5
12
10
9
8
6
7
14
13
11
CREF
CVCC
VOUT
Figure 6: Example of PCB Layout (Placement & Top Layer PCB)
NOTE: Via size is 20/10mils.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com