Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPQ8626 Datasheet(PDF) 21 Page - Monolithic Power Systems

Part # MPQ8626
Description  16V, 6A, High Efficiency, Synchronous,Step-Down Converter with Adjustable Current Limit
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ8626 Datasheet(HTML) 21 Page - Monolithic Power Systems

Back Button MPQ8626 Datasheet HTML 15Page - Monolithic Power Systems MPQ8626 Datasheet HTML 16Page - Monolithic Power Systems MPQ8626 Datasheet HTML 17Page - Monolithic Power Systems MPQ8626 Datasheet HTML 18Page - Monolithic Power Systems MPQ8626 Datasheet HTML 19Page - Monolithic Power Systems MPQ8626 Datasheet HTML 20Page - Monolithic Power Systems MPQ8626 Datasheet HTML 21Page - Monolithic Power Systems MPQ8626 Datasheet HTML 22Page - Monolithic Power Systems MPQ8626 Datasheet HTML 23Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
MPQ8626 – 16V, 6A, HIGH EFFICIENCY SYNC, STEP-DOWN CONVERTER W/ ADJUSTABLE CURRENT LIMIT
MPQ8626 Rev. 1.1
www.MonolithicPower.com
21
8/16/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
PACKAGE INFORMATION
QFN-14 (2mmx3mm)
SIDE VIEW
BOTTOM VIEW
NOTE:
1) LAND PATTERNS OF PIN1,5,8 AND PIN12 HAVE
THE SAME SHAPE.
2) LAND PATTERNS OF PIN2,4,9,10 AND PIN11 HAVE
THE SAME SHAPE.
3)
ALL DIMENSIONS ARE IN MILLIMETERS.
3) LEAD COPLANARITY SHALL BE 0.10
MILLIMETERS MAX.
4) JEDEC REFERENCE IS MO-220.
5) DRAWING IS NOT TO SCALE.
PIN 1 ID
MARKING
TOP VIEW
PIN 1 ID
INDEX AREA
RECOMMENDED LAND PATTERN
PIN 1 ID
0.10x45°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com