Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPQ8626 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MPQ8626
Description  16V, 6A, High Efficiency, Synchronous,Step-Down Converter with Adjustable Current Limit
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ8626 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MPQ8626 Datasheet HTML 8Page - Monolithic Power Systems MPQ8626 Datasheet HTML 9Page - Monolithic Power Systems MPQ8626 Datasheet HTML 10Page - Monolithic Power Systems MPQ8626 Datasheet HTML 11Page - Monolithic Power Systems MPQ8626 Datasheet HTML 12Page - Monolithic Power Systems MPQ8626 Datasheet HTML 13Page - Monolithic Power Systems MPQ8626 Datasheet HTML 14Page - Monolithic Power Systems MPQ8626 Datasheet HTML 15Page - Monolithic Power Systems MPQ8626 Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
MPQ8626 – 16V, 6A, HIGH EFFICIENCY SYNC, STEP-DOWN CONVERTER W/ ADJUSTABLE CURRENT LIMIT
MPQ8626 Rev. 1.1
www.MonolithicPower.com
12
8/16/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
BLOCK DIAGRAM
VCC
EN
REFERENCE
3V LDO
SYSTEM
MONITOR
MODE
SELECT
TRK/REF
FB
Error
Amplifier
PWM
Comparator
PGOOD
Comparator
PGOOD
RAMP
ON
TIMER
MODE
HS
Driver
LS
Driver
SW
Logic
Control
BST
REG
BST
IN
PGND
Valley
Current
Limit &
ZCD
HSG
HSG
LSG
LSG
CS
ZCD
xS
xR
Q
OFF
TIMER
OV Detect
Comparator
UV Detect
Comparator
xLIM
FAULT
OV_TH UV_TH
OV_TH
UV_TH
AGND
Figure 1: Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com