Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPQ8626GD Datasheet(PDF) 18 Page - Monolithic Power Systems

Part # MPQ8626GD
Description  16V, 6A, High Efficiency, Synchronous,Step-Down Converter with Adjustable Current Limit
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ8626GD Datasheet(HTML) 18 Page - Monolithic Power Systems

Back Button MPQ8626GD Datasheet HTML 14Page - Monolithic Power Systems MPQ8626GD Datasheet HTML 15Page - Monolithic Power Systems MPQ8626GD Datasheet HTML 16Page - Monolithic Power Systems MPQ8626GD Datasheet HTML 17Page - Monolithic Power Systems MPQ8626GD Datasheet HTML 18Page - Monolithic Power Systems MPQ8626GD Datasheet HTML 19Page - Monolithic Power Systems MPQ8626GD Datasheet HTML 20Page - Monolithic Power Systems MPQ8626GD Datasheet HTML 21Page - Monolithic Power Systems MPQ8626GD Datasheet HTML 22Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
MPQ8626 – 16V, 6A, HIGH EFFICIENCY SYNC, STEP-DOWN CONVERTER W/ ADJUSTABLE CURRENT LIMIT
MPQ8626 Rev. 1.1
www.MonolithicPower.com
18
8/16/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
APPLICATION INFORMATION
Input Capacitor
The input current to the step-down converter is
discontinuous
and
therefore
requires
a
capacitor to supply AC current to the step-down
converter
while
maintaining
the
DC
input
voltage. Use ceramic capacitors for the best
performance. During layout, place the input
capacitors as close to VIN as possible.
The capacitance can vary significantly with the
temperature. Capacitors with X5R and X7R
ceramic dielectrics are recommended because
they are fairly stable over a wide temperature
range. The capacitors must have a ripple
current rating that exceeds the
converter’s
maximum input ripple current. Estimate the
input ripple current with Equation (9):
)
V
V
1
(
V
V
I
I
IN
OUT
IN
OUT
OUT
CIN
−
=
(9)
The worst-case condition occurs at VIN = 2VOUT,
shown in Equation (10):
2
I
I
OUT
CIN =
(10)
For simplification, choose an input capacitor
with an RMS current rating that exceeds half
the maximum load current.
The input capacitance value determines the
converter
input
voltage
ripple.
Select
a
capacitor value that meets any input voltage
ripple requirement.
Estimate the input voltage ripple with Equation
(11):
)
V
V
1
(
V
V
C
F
I
V
IN
OUT
IN
OUT
IN
SW
OUT
IN
−
=
(11)
The worst-case condition occurs at VIN = 2VOUT,
shown in Equation (12):
IN
SW
OUT
IN
C
F
I
4
1
V
=
(12)
Output Capacitor
The output capacitor maintains the DC output
voltage. Use ceramic capacitors or POSCAPs.
Estimate the output voltage ripple with Equation
(13):
)
8
1
(
)
1
(
OUT
SW
ESR
IN
OUT
SW
OUT
OUT
C
F
R
V
V
L
F
V
V
+
−
=
(13)
When
using
ceramic
capacitors,
the
capacitance dominates the impedance at the
switching frequency. The capacitance also
dominates
the
output
voltage
ripple.
For
simplification, estimate the output voltage ripple
with Equation (14):
)
V
V
1
(
C
L
F
8
V
V
IN
OUT
OUT
2
SW
OUT
OUT
−
=
(14)
The ESR dominates the switching frequency
impedance for POSCAPs. For simplification,
the output ripple can be approximated with
Equation (15):
ESR
IN
OUT
SW
OUT
OUT
R
)
V
V
1
(
L
F
V
V
−
=
(15)
Inductor
The inductor supplies a constant current to the
output load while being driven by the switching
input voltage. A larger value inductor results in
less ripple current and lower output ripple
voltage, but also has a larger physical size, a
higher series resistance, and a lower saturation
current. Generally, select an inductor value that
allows the inductor peak-to-peak ripple current
to be 30% to 40% of the maximum switch
current limit. Also design for a peak inductor
current that is below the maximum switch
current limit. Calculate the inductance value
with Equation (16):
)
V
V
1
(
I
F
V
L
IN
OUT
L
SW
OUT
−
=
(16)
Where
∆IL is the peak-to-peak inductor ripple
current.
Choose an inductor that will not saturate under
the maximum inductor peak current. The peak
inductor
current
can
be
calculated
with
Equation (17):
)
1
(
2
IN
OUT
SW
OUT
OUT
LP
V
V
L
F
V
I
I
−
+
=
(17)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com