Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPQ8626GD Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MPQ8626GD
Description  16V, 6A, High Efficiency, Synchronous,Step-Down Converter with Adjustable Current Limit
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ8626GD Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MPQ8626GD Datasheet HTML 10Page - Monolithic Power Systems MPQ8626GD Datasheet HTML 11Page - Monolithic Power Systems MPQ8626GD Datasheet HTML 12Page - Monolithic Power Systems MPQ8626GD Datasheet HTML 13Page - Monolithic Power Systems MPQ8626GD Datasheet HTML 14Page - Monolithic Power Systems MPQ8626GD Datasheet HTML 15Page - Monolithic Power Systems MPQ8626GD Datasheet HTML 16Page - Monolithic Power Systems MPQ8626GD Datasheet HTML 17Page - Monolithic Power Systems MPQ8626GD Datasheet HTML 18Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
MPQ8626 – 16V, 6A, HIGH EFFICIENCY SYNC, STEP-DOWN CONVERTER W/ ADJUSTABLE CURRENT LIMIT
MPQ8626 Rev. 1.1
www.MonolithicPower.com
14
8/16/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
Figure 4 shows PSM operation at light-load
condition.
When
FB
drops
below
the
superimposed COMP, the HS-FET turns on for
a fixed interval. When the HS-FET turns off, the
LS-FET turns on until the inductor current
reaches zero. In PSM operation, FB does not
reach the superimposed COMP when the
inductor current approaches zero. The LS-FET
driver turns into tri-state (Hi-Z) when the
inductor
current
reaches
zero.
A
current
modulator takes over the control of the LS-FET
and limits the inductor current to less than
-1mA.
Therefore,
the
output
capacitors
discharge slowly to PGND through the LS-FET.
In light-load condition, the HS-FET is not turned
on as frequently in PSM as it is in forced CCM.
As a result, the efficiency in PSM is improved
greatly compared to that in forced CCM
operation.
PWM
REF
RAMP
FB
COMP
TON
HS-FET
Driver
LS-FET
Driver
IL
IO
Figure 4: Pulse Skip in Light Load
As the output current increases from light-load
condition, the current modulator regulation time
period becomes shorter. The HS-FET is turned
on
more
frequently,
and
the
switching
frequency increases accordingly. The output
current reaches critical levels when the current
modulator time is zero. The critical level of the
output current can be determined with Equation
(1):
IN
SW
OUT
OUT
IN
OUT
V
F
L
2
V
)
V
V
(
I
−
=
(1)
Where FSW is the switching frequency.
The MPQ8626 enters PWM mode once the
output
current
exceeds
the
critical
level.
Afterward, the switching frequency remains
fairly constant over the output current range.
The MPQ8626 can be configured to operate in
forced CCM, even in light-load condition (see
Table 1).
MODE Selection
The MPQ8626 provides both forced CCM
operation and pulse-skip operation in light-load
condition. The MPQ8626 has three options for
switching frequency: 600kHz, 1100kHz, and
2000kHz. Selecting the operation mode under
light-load condition and the switching frequency
is done by choosing the resistance value of the
resistor connected between MODE and AGND
or VCC (see Table 1).
Table 1: MODE Selection
MODE
Light-Load
Mode
Switching
Frequency
AGND
Forced CCM
1100kHz
30.1kΩ (±20%)
to AGND
Forced CCM
2000kHz
60.4kΩ (±20%)
to AGND
Forced CCM
600kHz
121kΩ (±20%)
to AGND
Pulse skip
600kHz
243kΩ (±20%)
to AGND
Pulse skip
2000kHz
VCC
Pulse skip
1100kHz
Soft Start (SS)
The minimum soft-start time is limited to 2.2ms.
This
can
be
increased
by
choosing
the
capacitance between TRK/REF and AGND. A
minimum value of 3.3nF for this capacitor is
always required to stabilize the reference
voltage.
The capacitance of this capacitor can be
determined with Equation (2) and Equation (3):
REF
C (nF) 3.3 ~ 33
=
(tSS = 2.2ms) (2)
ss
REF
t (ms) 10 A
C
(nF)
0.6V

=
(tSS > 2.2ms) (3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com