Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPQ8626GD Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MPQ8626GD
Description  16V, 6A, High Efficiency, Synchronous,Step-Down Converter with Adjustable Current Limit
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ8626GD Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MPQ8626GD Datasheet HTML 7Page - Monolithic Power Systems MPQ8626GD Datasheet HTML 8Page - Monolithic Power Systems MPQ8626GD Datasheet HTML 9Page - Monolithic Power Systems MPQ8626GD Datasheet HTML 10Page - Monolithic Power Systems MPQ8626GD Datasheet HTML 11Page - Monolithic Power Systems MPQ8626GD Datasheet HTML 12Page - Monolithic Power Systems MPQ8626GD Datasheet HTML 13Page - Monolithic Power Systems MPQ8626GD Datasheet HTML 14Page - Monolithic Power Systems MPQ8626GD Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
MPQ8626 – 16V, 6A, HIGH EFFICIENCY SYNC, STEP-DOWN CONVERTER W/ ADJUSTABLE CURRENT LIMIT
MPQ8626 Rev. 1.1
www.MonolithicPower.com
11
8/16/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
PIN FUNCTIONS
PIN #
Name
Description
1, 14
PGND
System ground. PGND is the reference ground of the regulated output voltage.
PGND requires careful consideration during PCB layout. Connect PGND using wide
PCB traces.
2, 11
SW
Switch output. Connect SW to the inductor and bootstrap capacitor. SW is driven
up to VIN by the high-side switch during the on-time of the PWM duty cycle. The
inductor current drives SW low during the off-time. Connect SW using wide PCB
traces.
3
VIN
Input voltage. VIN supplies power to the internal MOSFET and regulator. Input
capacitors are needed to decouple the input rail. Connect VIN using wide PCB
traces.
4
CS
Current limit. Connect a resistor from CS to ground to set the current limit trip
point. See Table 2 for additional details.
5
EN
Enable. EN is an input signal that turns the regulator on or off. Drive EN high to turn
on the regulator; drive EN low to turn off the regulator. Connect EN to VIN through a
pull-up resistor or a resistive voltage divider for automatic start-up. Do not float EN.
6
FB
Feedback. An external resistor divider from the output to AGND tapped to FB sets
the output voltage. It is recommended to place the resistor divider as close to FB as
possible. Vias should be avoided on the FB traces.
7
AGND
Analog ground. Select AGND as the control circuit reference point.
8
TRK/REF
External tracking voltage input. The output voltage tracks this input signal.
Decouple TRK/REF with a ceramic capacitor placed as close to it as possible.
Ceramic capacitors with X7R or X5R grade dielectrics are recommended for their
stable temperature characteristics. The capacitance of this capacitor determines the
soft-start time. See Equation 2 and 3 for additional details.
9
PGOOD
Power good output. PGOOD is an open-drain signal. A pull-up resistor connected
to a DC voltage is required to indicate a logic high signal if the output voltage is
within regulation. There is a delay of about 1ms from the time FB is greater than or
equal to 92.5% and PGOOD pulling high.
10
BST
Bootstrap. Connect a capacitor between SW and BS to form a floating supply
across the high-side switch driver.
12
MODE
Operation mode selection. Program MODE to select CCM, pulse-skip mode, or
the operating switching frequency. See Table 1 for additional details.
13
VCC
Internal 3V LDO output. The driver and control circuits are powered from VCC.
Decouple VCC with a minimum 1µF ceramic capacitor as close to it as possible.
Ceramic capacitors with X7R or X5R grade dielectrics are recommended for their
stable temperature characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com