Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD6325C Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # UPD6325C
Description  MOS INTEGRATED CIRCUIT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD6325C Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button UPD6325C Datasheet HTML 2Page - Renesas Technology Corp UPD6325C Datasheet HTML 3Page - Renesas Technology Corp UPD6325C Datasheet HTML 4Page - Renesas Technology Corp UPD6325C Datasheet HTML 5Page - Renesas Technology Corp UPD6325C Datasheet HTML 6Page - Renesas Technology Corp UPD6325C Datasheet HTML 7Page - Renesas Technology Corp UPD6325C Datasheet HTML 8Page - Renesas Technology Corp UPD6325C Datasheet HTML 9Page - Renesas Technology Corp UPD6325C Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
µPD6325, µPD6326, µPD6335, µPD6336
4
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C)
Supply Voltage
VDD,VCC
–0.5 to +18, VCC
≤ VDD
V
Output Voltage
VOUT
–0.5 to VDD +0.5
V
Input Voltage
VIN
–0.5 to VCC +0.5
V
Input Current
IIN
10
mA
Emitter Follower Current
IOE
10
mA
Power Dissipation
PD
500*/200**
mW
Operating Temperature
TA
–40 to +85
°C
Storage Temperature
Tstg
–65 to +125
°C
*DIP
**SOP
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
CONDITION
Supply Voltage
VDD
VCC
15
V
VCC
≤ VDD
Supply Voltage of Interface
VCC
4.5
5.0
5.5
V
VCC
≤ VDD
Low Level Input Voltage
VIL
0.8
V
VCC = 5 V, VDD = 5 to 15 V
High Level Input Voltage
VIH
3.5
V
VCC = 5 V, VDD = 5 to 15 V
Only
µPD6325 & µPD6326
Emitter Follower Power Dissipation 1
PE/unit
5
mW
TA = 85
°C
Emitter Follower Power Dissipation 2
PE/unit
15
mW
TA = 70
°C
Emitter Follower Power Dissipation 3
PE total
25
mW
TA = 85
°C
Emitter Follower Power Dissipation 4
PE total
75
mW
TA = 70
°C
TIMING CONDITIONS (TA = –40 to +85
°C, VSS = 0 V, VCC = 5 V, VDD = VCC to 15 V)
CLOCK High Level Width
tCH
4.0
µs
CLOCK Low Level Width
tCL
10.0
µs
CLOCK Rise Time
tcr
1.0
µs
CLOCK Fall Time
tcf
1.0
µs
DATA IN Setup Time
tDsetup
2
µs
DATA IN Hold Time
tDhold
10
µs
Pulse Width, LOAD High
tW(LOAD)
4
µs
LOAD Lead Time
tLIead
10
µs
LOAD Lag Time
tLIag
10
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com