Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD6325C Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # UPD6325C
Description  MOS INTEGRATED CIRCUIT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD6325C Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button UPD6325C Datasheet HTML 3Page - Renesas Technology Corp UPD6325C Datasheet HTML 4Page - Renesas Technology Corp UPD6325C Datasheet HTML 5Page - Renesas Technology Corp UPD6325C Datasheet HTML 6Page - Renesas Technology Corp UPD6325C Datasheet HTML 7Page - Renesas Technology Corp UPD6325C Datasheet HTML 8Page - Renesas Technology Corp UPD6325C Datasheet HTML 9Page - Renesas Technology Corp UPD6325C Datasheet HTML 10Page - Renesas Technology Corp UPD6325C Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
5
µPD6325, µPD6326, µPD6335, µPD6336
ELECTRICAL CHARACTERISTICS
(TA = –40 to +85
°C, VSS = 0 V, VCC = 4.5 to 5.5 V, VDD = VCC to 15 V)
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
CONDITION
Current Consumption
IDD
15
mA
No Load, for
µPD6326, 6336
Current Consumption
IDD
10
mA
No Load, for
µPD6325, 6335
No Load of DATA OUT,
Static Consumption
Input Leak Current
IILEAK
±1
µAVIN = VCC or VSS
High Level
Output Voltage
Low Level
Output Voltage
Emitter Follower Leak Current
IOLEAK
20
µA
for
µPD6325, 6326
Setling Time
tDA set
10
µs
Note
Note
µPD6325, 6326: RL = 20 kΩ, CL = 50 pF
µPD6335, 6336: No Load.
Current Consumption of Interface
ICC
10
µA
DATA OUT
IOL
100
µAVOL = 0.5 V
DATA OUT
IOH
–100
µAVOH = VDD –0.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com