Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD6325C Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # UPD6325C
Description  MOS INTEGRATED CIRCUIT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD6325C Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button UPD6325C Datasheet HTML 8Page - Renesas Technology Corp UPD6325C Datasheet HTML 9Page - Renesas Technology Corp UPD6325C Datasheet HTML 10Page - Renesas Technology Corp UPD6325C Datasheet HTML 11Page - Renesas Technology Corp UPD6325C Datasheet HTML 12Page - Renesas Technology Corp UPD6325C Datasheet HTML 13Page - Renesas Technology Corp UPD6325C Datasheet HTML 14Page - Renesas Technology Corp UPD6325C Datasheet HTML 15Page - Renesas Technology Corp UPD6325C Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
µPD6325, µPD6326, µPD6335, µPD6336
10
Characteristics of Emitter follower buffer (
µPD6325, 6326)
(1) VBE - IE (including R-2R’s resister)
1
0.3
0.1
IE (mA)
0.01
0
0.03
0.5
1.0
TA = 25 ˚C
(2) VBE - TA
IDA = –100 A
80
40
0
TA (°C)
–40
1.0
0.5
0
µ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com