Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F1618 Datasheet(PDF) 9 Page - Microchip Technology

Part # PIC16F1618
Description  Full-Featured, Low Pin Count, High-Temperature Microcontrollers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1618 Datasheet(HTML) 9 Page - Microchip Technology

Back Button PIC16F1618 Datasheet HTML 5Page - Microchip Technology PIC16F1618 Datasheet HTML 6Page - Microchip Technology PIC16F1618 Datasheet HTML 7Page - Microchip Technology PIC16F1618 Datasheet HTML 8Page - Microchip Technology PIC16F1618 Datasheet HTML 9Page - Microchip Technology PIC16F1618 Datasheet HTML 10Page - Microchip Technology PIC16F1618 Datasheet HTML 11Page - Microchip Technology PIC16F1618 Datasheet HTML 12Page - Microchip Technology PIC16F1618 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
 2019 Microchip Technology Inc.
DS40002077A-page 9
PIC16F1614/8
3.0
ELECTRICAL CHARACTERISTICS
3.1
Absolute Maximum Ratings(†)
.
Note: Other than some basic data, this section documents only the high-temperature PIC16F1614/8 devices’
specifications that differ from those of the non-specialty PIC16F1614/8 devices. For detailed information on the
electrical specifications shared by the high-temperature and non-specialty devices, see the “PIC16(L)F1614/8
14/20-Pin, 8-Bit Flash Microcontroller" data sheet (DS40001769).
Parameter
Condition
Value
Max. Current: VDD
Source
15 mA
Max. Current: VSS
Sink
15 mA
Max. Current: Pin
Source
5 mA
Max. Current: Pin
Sink
5 mA
Max. Storage Temperature
—
-65°C to +155°C
Max. Junction Temperature
Under Bias
+155°C
Ambient Temperature
Under Bias
-40°C to +150°C
Note 1: Maximum current rating requires even load distribution across I/O pins. Maximum current rating may be
limited by the device package power dissipation characterizations, see Table-35-6: “Thermal
Characteristics” to calculate device specifications.
2:
Power dissipation is calculated as follows: PDIS = VDD x {IDD –
 IOH} +  {(VDD – VOH) x IOH} + (VOl x IOL).
† NOTICE: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at those or any other conditions above those
indicated in the operation listings of this specification is not implied. Exposure above maximum rating conditions for
extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com