Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F1618 Datasheet(PDF) 10 Page - Microchip Technology

Part # PIC16F1618
Description  Full-Featured, Low Pin Count, High-Temperature Microcontrollers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1618 Datasheet(HTML) 10 Page - Microchip Technology

Back Button PIC16F1618 Datasheet HTML 6Page - Microchip Technology PIC16F1618 Datasheet HTML 7Page - Microchip Technology PIC16F1618 Datasheet HTML 8Page - Microchip Technology PIC16F1618 Datasheet HTML 9Page - Microchip Technology PIC16F1618 Datasheet HTML 10Page - Microchip Technology PIC16F1618 Datasheet HTML 11Page - Microchip Technology PIC16F1618 Datasheet HTML 12Page - Microchip Technology PIC16F1618 Datasheet HTML 13Page - Microchip Technology PIC16F1618 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
 2019 Microchip Technology Inc.
DS40002077A-page 10
PIC16F1614/8
3.2
Standard Operating Conditions
The standard operating conditions for any device are defined as:
Operating Voltage:
VDDMIN
VDD VDDMAX
Operating Temperature:
TA_MIN
TA TA_MAX
VDD — Operating Supply Voltage
PIC16F1614/8
VDDMIN (Fosc
 16 MHz).......................................................................................................... +2.5V
VDDMIN (Fosc > 32 MHz).......................................................................................................... +2.5V
VDDMAX .................................................................................................................................... +5.5V
TA — Operating Ambient Temperature Range
High Temperature
TA_MIN ...................................................................................................................................... -40°C
TA_MAX .................................................................................................................................. +150°C
3.3
DC Characteristics
FIGURE 3-1:
VOLTAGE-FREQUENCY GRAPH, -40°C
 TA  +150°C
TABLE 3-1:
SUPPLY VOLTAGE (-40°C
 TA  +150°C)
PIC16F1614/8
Standard Operating Conditions (unless otherwise stated)
Param
No.
Symbol
Characteristic
Min.
Typ.
Max.
Units
Conditions
Supply Voltage
D001
VDD
Supply Voltage
2.5
—5.5
V
FOSC
16 MHz
FOSC
32 MHz
D002
VDR
RAM Data Retention
Voltage
2.1
—
—
V
Device in Sleep mode
D003A VADFVR
FVR Gain Voltage Accu-
racy for ADC
-10
—+10
V
1x VFVR, VDD  2.5V
2x VFVR, VDD  2.5V
4x VFVR, VDD  4.75V
† Data in “Typ.” column is at 3.0V, 25°C unless otherwise stated. These parameters are for design guidance
only and are not tested.
Rev. 10-000 130C
2/14/201 9
5.5
2.5
2.3
016
32
Frequency (MHz)
Note 1: The shaded region indicates the permissible combinations of voltage and frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com