Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F1618 Datasheet(PDF) 12 Page - Microchip Technology

Part # PIC16F1618
Description  Full-Featured, Low Pin Count, High-Temperature Microcontrollers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1618 Datasheet(HTML) 12 Page - Microchip Technology

Back Button PIC16F1618 Datasheet HTML 8Page - Microchip Technology PIC16F1618 Datasheet HTML 9Page - Microchip Technology PIC16F1618 Datasheet HTML 10Page - Microchip Technology PIC16F1618 Datasheet HTML 11Page - Microchip Technology PIC16F1618 Datasheet HTML 12Page - Microchip Technology PIC16F1618 Datasheet HTML 13Page - Microchip Technology PIC16F1618 Datasheet HTML 14Page - Microchip Technology PIC16F1618 Datasheet HTML 15Page - Microchip Technology PIC16F1618 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
 2019 Microchip Technology Inc.
DS40002077A-page 12
PIC16F1614/8
TABLE 3-3:
DC CHARACTERISTICS: POWER-DOWN CURRENTS (IPD)(1,2,3)
PIC16F1614/8
Standard Operating Conditions (unless otherwise stated)
VREPGM = 1
Max.
+150°C
Units
Conditions
Param
No.
Symbol
Device Characteristic
VDD
Notes
D023
16
uA
2.5
WDT Current
20
uA
3.0
22
uA
5.0
D023A
37
uA
2.5
FVR Current
38
uA
3.0
39
uA
5.0
D024A
—
uA
2.5
LPBOR Current
15
uA
3.0
17
uA
5.0
D026
15
uA
2.5
ADC Current
No conversion in progress
17
uA
3.0
20
uA
5.0
D027
37
uA
2.5
Comparator,
CxSP = 0
38
uA
3.0
45
uA
5.0
†
Data in “Typ.” column is at 3.0V, 25°C unless otherwise stated. These parameters are for design guidance only and are
not tested.
Note 1:
The peripheral current is the sum of the base IPD and the additional current consumed when this peripheral is enabled.
The peripheral
 current can be determined by substracting the base IDD or IPD current from this limit. Max. values
should be used when calculating total current consumption.
2:
The power-down current in Sleep mode does not depend on the oscillator type. Power-down current is measured with
the part in Sleep mode, with all I/O pins in high-impedance state and tied to VSS.
3:
All peripheral currents listed are on a per-peripheral basis if more than one instance of a peripheral is available.
4:
ADC clock source is ADCRC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com