Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD16855BC Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # UPD16855BC
Description  MOS INTEGRATED CIRCUIT
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD16855BC Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button UPD16855BC Datasheet HTML 9Page - Renesas Technology Corp UPD16855BC Datasheet HTML 10Page - Renesas Technology Corp UPD16855BC Datasheet HTML 11Page - Renesas Technology Corp UPD16855BC Datasheet HTML 12Page - Renesas Technology Corp UPD16855BC Datasheet HTML 13Page - Renesas Technology Corp UPD16855BC Datasheet HTML 14Page - Renesas Technology Corp UPD16855BC Datasheet HTML 15Page - Renesas Technology Corp UPD16855BC Datasheet HTML 16Page - Renesas Technology Corp UPD16855BC Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
Data Sheet S13020EJ1V0DS00
11
µµµµPD16855
2. Under Voltage Locked Out (UVLO) Circuit
UVLO is the circuit for preventing malfunction of the switch by voltage variation.
In the Power Up : less than 3.5 V (typ.) and in the Power Down : less than 3.3 V (typ.)
OUT : OFF
FLG : “L” ( = 0V)
3. Behavior in the case of Power ON
This IC is slowly started up by Soft-Start Operation when IC is powered on.
This function is to prevent from flowing large current in the period of charging the capacitor which is connected to
Output-pin.
In Power ON state, Soft-Start Time is 5ms (typ.)
5 V
3.3 V
3.5 V
5 V
Input
5 V
Vin
10
s
max.
2.5 ms min.
12 ms max.
µ
VOUT
0 V
0 V
5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com