Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD16855BC Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # UPD16855BC
Description  MOS INTEGRATED CIRCUIT
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD16855BC Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button UPD16855BC Datasheet HTML 10Page - Renesas Technology Corp UPD16855BC Datasheet HTML 11Page - Renesas Technology Corp UPD16855BC Datasheet HTML 12Page - Renesas Technology Corp UPD16855BC Datasheet HTML 13Page - Renesas Technology Corp UPD16855BC Datasheet HTML 14Page - Renesas Technology Corp UPD16855BC Datasheet HTML 15Page - Renesas Technology Corp UPD16855BC Datasheet HTML 16Page - Renesas Technology Corp UPD16855BC Datasheet HTML 17Page - Renesas Technology Corp UPD16855BC Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
Data Sheet S13020EJ1V0DS00
12
µµµµPD16855
OPERATING SEQUENCE
Power On/Power Off
Note If CTL-pin is active level after IC is powered on, This IC's Output is started Soft-Start Operation
(Output Transition Rising Time : 12ms max.).
When Power-voltage is less than UVLO operating voltage, FLG-pin is fixed on Low-Level.
If CTL1 and CTL2 pins are non-active level, this IC moves to Stand-by mode (IDD = 5
µA max.)
Input controlled-signal
5 V
GND
5 V
GND
5 V
GND
5 V
5 V
GND
GND
over current detect threshold
PD16855A/C
IN (input)
OUT
(output)
Iout
Flg
(output)
CTL
(input)
µ
PD16855B/D
µ
5 V
GND
5 V
GND
5 V
GND
5 V
GND
GND
5 V
PD16855A/C
IN (input)
OUT
(output)
Flg
(output)
CTL
(input)
µ
PD16855B/D
µ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com