Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD16855BC Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # UPD16855BC
Description  MOS INTEGRATED CIRCUIT
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD16855BC Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button UPD16855BC Datasheet HTML 17Page - Renesas Technology Corp UPD16855BC Datasheet HTML 18Page - Renesas Technology Corp UPD16855BC Datasheet HTML 19Page - Renesas Technology Corp UPD16855BC Datasheet HTML 20Page - Renesas Technology Corp UPD16855BC Datasheet HTML 21Page - Renesas Technology Corp UPD16855BC Datasheet HTML 22Page - Renesas Technology Corp UPD16855BC Datasheet HTML 23Page - Renesas Technology Corp UPD16855BC Datasheet HTML 24Page - Renesas Technology Corp UPD16855BC Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
Data Sheet S13020EJ1V0DS00
19
µµµµPD16855
APPLICATION CIRCUIT
Example 1
PD16855A
USB OUTPUT Port : 1 port
Use
PD16855A
Not need to control by USB-controller (CTL-input is "H"-active)
µ
µ
1
F
µ
150 F
µ
10 k
Ω
VBUS
D+
D
−
GND
CTL1
FLG1
FLG2
CTL2
OUT1
IN
GND
OUT2
Over
Current
USB
Controller
Enable
D+
D
−
5 V
Example 2
PD16855B
USB OUTPUT Port : 2 port
Use
PD16855B
controllable by USB-controller (CTL-input is "L"-active)
µ
µ
1
F
µ
150 F
µ
150 F
µ
10 k
Ω
10 k
Ω
VBUS
D+
D
−
GND
CTL1
FLG1
FLG2
CTL2
OUT1
IN
GND
OUT2
Over
Current
USB
Controller
Enable
D+
D
−
5 V
3.3 V
VBUS
D+
D
−
GND
USB
Connector
Timing chart Example 2
The application circuits and their parameters are for references only and are not intended for use in actual designin's.
5 V
GND
GND
GND
5 V
GND
5 V
5 V
over current detect
IN (input)
OUT
(output)
Iout
Flg
(output)
CTL
(input)
over current detect threshold



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com