Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATR7040 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # ATR7040
Description  5.8 GHz WDCT Power Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR7040 Datasheet(HTML) 3 Page - ATMEL Corporation

  ATR7040 Datasheet HTML 1Page - ATMEL Corporation ATR7040 Datasheet HTML 2Page - ATMEL Corporation ATR7040 Datasheet HTML 3Page - ATMEL Corporation ATR7040 Datasheet HTML 4Page - ATMEL Corporation ATR7040 Datasheet HTML 5Page - ATMEL Corporation ATR7040 Datasheet HTML 6Page - ATMEL Corporation ATR7040 Datasheet HTML 7Page - ATMEL Corporation ATR7040 Datasheet HTML 8Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
4868C–DECT–05/06
ATR7040
2.
Pin Configuration
Figure 2-1.
Pinning QFN16
NC
RFOUT/VCC3
RFOUT/VCC3
NC
NC
NC
RFIN
NC
16 15 14 13
5 6 7 8
1
2
3
4
12
11
10
9
GND on the
PADDLE
ATR7040
Table 2-1.
Pin Description
Pin
Symbol
Function
1
NC
Not connected(1)
2
RFOUT
RF output and supply voltage for output amplifier stage
3
RFOUT
RF output and supply voltage for output amplifier stage
4
NC
Not connected(1)
5
NC
Not connected(1)
6
VCC2
Supply voltage for second amplifier stage
7
VCC1
Supply voltage for first amplifier stage
8
NC
Not connected(1)
9
NC
Not connected(1)
10
RFIN
RF input
11
NC
Not connected(1)
12
NC
Not connected(1)
13
VCTL
Control voltage for power ramping
14
GND
Ground
15
VCC_CTL
Supply voltage for biasing control block
16
NC
Not connected(1)
PADDLE
–
Ground
Note:
1. Pin can be connected to paddle for increased GND area



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com