Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATR7040 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # ATR7040
Description  5.8 GHz WDCT Power Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR7040 Datasheet(HTML) 4 Page - ATMEL Corporation

  ATR7040 Datasheet HTML 1Page - ATMEL Corporation ATR7040 Datasheet HTML 2Page - ATMEL Corporation ATR7040 Datasheet HTML 3Page - ATMEL Corporation ATR7040 Datasheet HTML 4Page - ATMEL Corporation ATR7040 Datasheet HTML 5Page - ATMEL Corporation ATR7040 Datasheet HTML 6Page - ATMEL Corporation ATR7040 Datasheet HTML 7Page - ATMEL Corporation ATR7040 Datasheet HTML 8Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
4868C–DECT–05/06
ATR7040
Electrostatic sensitive device.
Observe precautions for handling.
3.
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Parameters
Symbol
Value
Unit
Supply voltage
V
CC
5V
Supply current
I
cc
400
mA
Junction temperature
T
j
150
°C
Storage temperature
T
Stg
–40 to +125
°C
Input RF power
P
in
10
dBm
Control voltage
V
ctl
2.5
V
Note:
The part may not survive all maximums applied simultaneously.
4.
Thermal Resistance
Parameters
Symbol
Value
Unit
Junction ambient package QFN16, 3
× 3,
slug soldered on PCB
RthJA
40
K/W
5.
Operating Range
Parameters
Symbol
Value
Unit
Supply voltage
VCC
2.7 to 3.8
V
Operating frequency range
fin
5100 to 5900
MHz
Ambient temperature range
Tamb
–25 to +75
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com