Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATR7040 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # ATR7040
Description  5.8 GHz WDCT Power Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR7040 Datasheet(HTML) 6 Page - ATMEL Corporation

  ATR7040 Datasheet HTML 1Page - ATMEL Corporation ATR7040 Datasheet HTML 2Page - ATMEL Corporation ATR7040 Datasheet HTML 3Page - ATMEL Corporation ATR7040 Datasheet HTML 4Page - ATMEL Corporation ATR7040 Datasheet HTML 5Page - ATMEL Corporation ATR7040 Datasheet HTML 6Page - ATMEL Corporation ATR7040 Datasheet HTML 7Page - ATMEL Corporation ATR7040 Datasheet HTML 8Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
4868C–DECT–05/06
ATR7040
8.
Diagrams
Figure 8-1.
Output Power, Efficiency and Supply Currents Versus Input Frequency
Figure 8-2.
Output Power, Gain, Efficiency and Supply Currents Versus Input Power
Figure 8-3.
Output Power, Efficiency and Supply Currents Versus Operating Voltage
10
15
20
25
30
35
40
5600
5650
5700
5750
5800
5850
5900
5950
6000
Frequency (MHz)
0
50
100
150
200
250
300
350
400
Pin = 0 dBm, Vcc = 3.6V, Vctl = 1.4V
PAE (%)
I
ges (mA)
P
out (dBm)
-30
-20
-10
0
10
20
30
40
-20
-15
-10
-5
0
5
Pin (dBm)
0
50
100
150
200
250
300
350
400
P
out (dBm)
I
ges (mA)
Freq = 5800 MHz, Vcc = 3.6V, Vctl = 1.4V
PAE (%)
Gain (dB)
Vcc (V)
Freq = 5800 MHz, Pin = 0 dBm, Vctl = 1.5V
10
15
20
25
30
35
40
2.5
3.0
3.5
4.0
0
50
100
150
200
250
300
350
400
450
PAE (%)
P
out (dBm)
I
ges (mA)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com